Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1672 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1672_15 Datasheet HTML 3Page - Analog Devices AD1672_15 Datasheet HTML 4Page - Analog Devices AD1672_15 Datasheet HTML 5Page - Analog Devices AD1672_15 Datasheet HTML 6Page - Analog Devices AD1672_15 Datasheet HTML 7Page - Analog Devices AD1672_15 Datasheet HTML 8Page - Analog Devices AD1672_15 Datasheet HTML 9Page - Analog Devices AD1672_15 Datasheet HTML 10Page - Analog Devices AD1672_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1672
REV. 0
–7–
Sample Rate: 3 MSPS and AIN = –0.5 dB
CODE
1.0
–1.0
0
4000
500
1000
1500
2000
2500
3000
3500
0.8
0.2
–0.2
–0.6
-0.8
0.6
0.4
0.0
–0.4
Figure 2. Typical DNL Performance
INPUT FREQUENCY – Hz
80
40
105
107
106
75
70
–0.5dB
– 6.0dB
60
55
50
45
65
– 20.0dB
Figure 3. S/(N+D) vs. Input Frequency
CODE
2.5
–2.5
0
4000
500
1000
1500
2000
2500
3000
3500
2.0
0.5
–0.5
–1.5
–2.0
1.5
1.0
0.0
–1.0
Figure 4. Typical INL Performance
AMPLITUDE – dB
70
58
–10
0
–7
68
60
–5
62
64
66
–9
–8
–6
–4
–3
–2
–1
500kHz
1.5MHz
1MHz
Figure 5. S/(N+D) vs. Amplitude
INPUT FREQUENCY – Hz
–40
–50
–90
105
107
106
–60
–70
–80
THD
2nd HARM
3rd HARM
Figure 6. Distortion vs. Input Frequency, Full-Scale Input
Typical Performance Characteristics–AD1672
REV. 0
–7–
OBSOLETE


Similar Part No. - AD1672_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
   12-BIT, 3 MSPS, A TO D CONVERTER
More results

Similar Description - AD1672_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com