Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT61298 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT61298
Description  CMOS STATIC RAM 256K (64K x 4-BIT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT61298 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT61298 Datasheet HTML 1Page - Integrated Device Technology IDT61298 Datasheet HTML 2Page - Integrated Device Technology IDT61298 Datasheet HTML 3Page - Integrated Device Technology IDT61298 Datasheet HTML 4Page - Integrated Device Technology IDT61298 Datasheet HTML 5Page - Integrated Device Technology IDT61298 Datasheet HTML 6Page - Integrated Device Technology IDT61298 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7.1
4
IDT61298SA
CMOS STATIC RAM 256K (64K x 4-BIT)
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%
IDT61298SA
Symbol
Parameter
Test Condition
Min.
Typ
. Max.
Unit
|ILI|
Input Leakage Current
VCC = Max.,
µA
VIN = GND to VCC
——
5
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
µA
VOUT = GND to VCC
——
5
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
0.4
V
IOL = 10mA, VCC = Min.
0.5
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
V
2971 tbl 09
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%)
61298SA12
61298SA15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
12
15
ns
tAA
Address Access Time
12
15
ns
tACS
Chip Select Access Time
12
15
ns
tCLZ(1)
Chip Select to Output in Low-Z
4
4
ns
tCHZ(1)
Chip Deselect to Output in High-Z
6
7
ns
tOE
Output Enable to Output Valid
6
7
ns
tOLZ(1)
Output Enable to Output in Low-Z
0
0
ns
tOHZ(1)
Output Disable to Output in High-Z
6
6
ns
tOH
Output Hold from Address Change
3
3
ns
tPU(1)
Chip Select to Power-Up Time
0
0
ns
tPD(1)
Chip Deselect to Power-Down Time
12
15
ns
Write Cycle
tWC
Write Cycle Time
12
15
ns
tCW
Chip Select to End-of-Write
9
10
ns
tAW
Address Valid to End-of-Write
9
10
ns
tAS
Address Set-up Time
0
0
ns
tWP
Write Pulse Width
9
10
ns
tWR
Write Recovery Time
0
0
ns
tDW
Data Valid to End-of-Write
6
7
ns
tDH
Data Hold Time
0
0
ns
tWHZ(1)
Write Enable to Output in High-Z
6
6
ns
tOW(1)
Output Active from End-of-Write
4
4
ns
NOTES:
2971 tbl 10
1. This parameter is guaranteed with AC test load (Figure 2) by device characterization, but is not production tested.


Similar Part No. - IDT61298

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
IDT61298TTSA IDT-IDT61298TTSA Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results

Similar Description - IDT61298

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com