Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS7N60 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS7N60
Description  N-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS7N60 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS7N60 Datasheet HTML 1Page - Bruckewell Technology LTD MS7N60 Datasheet HTML 2Page - Bruckewell Technology LTD MS7N60 Datasheet HTML 3Page - Bruckewell Technology LTD MS7N60 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS7N60
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS7N60]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
TL
Maximum Temperature for Soldering @ Lead at 0.125
in(0.318mm) from case for 10 seconds
300
°C
TPKG
Maximum Temperature for Soldering @ Package Body for 10
seconds
260
°C
PD
Total Power Dissipation(@TC = 25 °C) 44 W
Derating Factor above 25 °C
44
W
0.35
W/°C
TSTG
Operating and Storage Temperature
-55 to +150
°C
TJ
Storage Temperature
150
°C
Note:
1. Repetitive rating; pulse width limited by maximum junction temperature.
2. IAS≤7A, VDD=50V, L=7mH, VG=10V, starting TJ=+25°C.
3. ISD≤7A, dI/dt≤200A/μs, VDD≤BVDSS, starting TJ=+25°C.
Thermal Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case
--
--
1.25
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
--
62.5
Static Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V , ID = 250μA
600
--
--
V
△BV
DSS
/
△T
J
Breakdown Voltage
Temperature Coefficient
ID = 250μA, Referenced to 25°C
--
0.60
--
V/°C
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 uA
2.0
--
4.0
V
IDSS
Drain-Source Leakage
Current
VDS = 600 V , VGS = 0 V
VDS = 480 V , TC = 125°C
--
--
1
10
uA
IGSS
Gate-Body Leakage,
Forward
VGS = ±30
--
--
±100
nA
RDS(ON)
Static Drain-Source
On-state Resistance
VGS = -10 V , ID = 3.5 V
--
1.08
1.2
Ω
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
CISS
Input Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
--
1332
--
pF
COSS
Output Capacitance
--
114
--
pF
CRSS
Reverse Transfer Capacitance
--
61
--
pF


Similar Part No. - MS7N60

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS7N80 BWTECH-MS7N80 Datasheet
991Kb / 6P
   800V N-Channel MOSFET
More results

Similar Description - MS7N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com