Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6168SA20P Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT6168SA20P
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168SA20P Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT6168SA20P Datasheet HTML 1Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 2Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 3Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 4Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 5Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 6Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 7Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 8Page - Integrated Device Technology IDT6168SA20P Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
IDT6168SA/LA
CMOS Static RAM 16K (4K x 4-Bit)
Military, Industrial, and Co mmercial Temperature Ranges
AC Electrical Characteristics (VCC = 5.0V ± 10%, All Temperature Ranges)
NOTES:
1. 0° to +70°C temperature range only.
2. –55°C to +125°C temperature range only.
3. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
Symbol
Parameter
6168SA15
(1)
6168SA20
(1)
6168LA20
(1)
6168SA25
6168LA25
6168SA45
(2)
6168LA45
(2)
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Write Cycle
tWC
Write Cycle Time
15
____
20
____
20
____
40
____
ns
tCW
Chip Select to End-of-Write
15
____
20
____
20
____
40
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
20
____
40
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
20
____
40
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data to Valid to End-of-Write
9
____
10
____
10
____
20
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
3
____
ns
tWHZ
(3)
Write Enab le to Output in High-Z
____
6
____
7
____
7
____
20
ns
tOW
(3)
Output Active from End-of-Write
0
____
0
____
0
____
0
____
ns
3090 tbl 13


Similar Part No. - IDT6168SA20P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168SA20P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com