Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS13N50 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS13N50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS13N50 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS13N50 Datasheet HTML 1Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 2Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 3Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 4Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 5Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 6Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 7Page - Bruckewell Technology LTD MS13N50 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MS13N50
500V N-Channel MOSFET
Publication Order Number: [MS13N50]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MS13N50 is a N-channel enhancement-mode
MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220
package is universally preferred for all
commercial-industrial applications
Features
• Originative New Design
• Very Low Intrinsic Capacitances
• Excellent Switching Characteristics
• 100% EAS Test
• Extended Safe Operating Area
• RoHS compliant package
Application
• Electronic lamp ballasts
• based on half bridge topology
• PFC (Power Factor Correction)
• SMPS (Switched Mode Power Supplies)
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current -Continuous (TC=25°C)
13
A
Drain Current -Continuous (TC=100°C)
8
A
IDM
Drain Current
–Pulsed
52
A
EAS
Avalanche Energy
803
mJ
EAR
Repetitive Avalanche Energy
19.5
mJ
PD
Power Dissipation (TC=25°C)
195
W
Power Dissipation (TC=100°C)
1.56
W/°C


Similar Part No. - MS13N50

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS13N30 BWTECH-MS13N30 Datasheet
481Kb / 6P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - MS13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com