Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7007S Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7007S
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7007S Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7007S Datasheet HTML 4Page - Integrated Device Technology IDT7007S Datasheet HTML 5Page - Integrated Device Technology IDT7007S Datasheet HTML 6Page - Integrated Device Technology IDT7007S Datasheet HTML 7Page - Integrated Device Technology IDT7007S Datasheet HTML 8Page - Integrated Device Technology IDT7007S Datasheet HTML 9Page - Integrated Device Technology IDT7007S Datasheet HTML 10Page - Integrated Device Technology IDT7007S Datasheet HTML 11Page - Integrated Device Technology IDT7007S Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
8
NOTES:
1. Transition is measured ±200mV from Low- or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part numbers indicates power rating (S or L).
5. Industrial temperature: for other speeds, packages and powers contact your sales office.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4,5)
AC Test Conditions
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
2940 tbl 11
Figure 1. AC Output Test Load
2940 drw 06
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF*
347
5V
DATAOUT
2940 drw 05
.
7007X15
Com'l Only
7007X20
Com'l Only
7007X25 Com'l
& Military
Unit
Symbol
Parameter
Min.Max.
Min.Max.Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
____
25
ns
tAOE
Output Enable Access Time
____
10
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
12
____
15
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
15
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
12
____
ns
tSAA
Semaphore Address Access Time
____
15
____
20
____
25
ns
2940 tbl 12a
7007X35
Com'l &
Military
7007X55
Com'l, Ind
& Military
Unit
Symbol
Parameter
Min.Max.Min.
Max.
READ CYCLE
tRC
Read Cycle Time
35
____
55
____
ns
tAA
Address Access Time
____
35
____
55
ns
tACE
Chip Enable Access Time(3)
____
35
____
55
ns
tAOE
Output Enable Access Time
____
20
____
30
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
25
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
35
____
50
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
35
____
55
ns
2940 tbl 12b


Similar Part No. - IDT7007S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7007S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com