Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70121S Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70121S
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70121S Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70121S Datasheet HTML 1Page - Integrated Device Technology IDT70121S Datasheet HTML 2Page - Integrated Device Technology IDT70121S Datasheet HTML 3Page - Integrated Device Technology IDT70121S Datasheet HTML 4Page - Integrated Device Technology IDT70121S Datasheet HTML 5Page - Integrated Device Technology IDT70121S Datasheet HTML 6Page - Integrated Device Technology IDT70121S Datasheet HTML 7Page - Integrated Device Technology IDT70121S Datasheet HTML 8Page - Integrated Device Technology IDT70121S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6.10
3
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1,4) (VCC = 5V
± 10%)
70121X25
70121X35
70121X45
70121X55
Test
70125X25
70125X35
70125X45
70125X55
Symbol
Parameter
Condition
Version
Typ. Max. Typ. Max. Typ. Max. Typ. Max. Unit
ICC
Dynamic Operating
CE = VIL,Outputs Open,
Com’l.
S
125
260
125
250
125
245
125
240
mA
Current (Both Ports
f = fMAX
(2)
L
125
220
125
210
125
205
125
200
Active)
ISB1
Standby Current
CE"A" and CE"B" = VIH,
Com’l.
S
30
65
30
65
30
65
30
65
mA
(Both Ports—TTL
f = fMAX
(2)
L
3045304530453045
Level Inputs)
ISB2
Standby Current
CE"A"=VIL and CE"B"=VIH(5)
Com’l.
S
80
175
80
165
80
160
80
155
mA
(One Port—TTL
Active Port Outputs Open,
L
80
145
80
135
80
130
80
125
Level Inputs)
f = fMAX
(2)
ISB3
Full Standby
CE"A" and CE"B" ≥ VCC – 0.2V,
Com’l.
S
1.0
15
1.0
15
1.0
15
1.0
15
mA
Current (Both Ports
VIN
≥ VCC – 0.2V
L
0.2
5
0.2
5
0.2
5
0.2
5
CMOS Level Inputs)
or VIN
≤ 0.2V, f = 0(3)
ISB4
Full Standby
CE"A"<0.2V and CE"B">VCC-0.2V(5) Com’l. S
70
170
70
160
70
155
70
150
mA
Current (One Port
VIN
≥ VCC – 0.2V or
L
70
140
70
130
70
125
70
120
CMOS Level Inputs)
VIN
≤ 0.2V, Active Port
Outputs Open, f = fMAX
(2)
NOTES:
2654 tbl 05
1. “X” in part numbers indicates power rating (S or L).
2. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC TEST
CONDITIONS” of input levels of GND to 3V.
3. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
4. Vcc=5V, TA=+25
°C for Typical values, and they are not production tested.
5. Port "A" may be either left or right port. Port "B" is opposite from port "A".
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
70121S
70121L
70125S
70125L
Symbol
Parameter
Test Condition
Min.
Max.
Min.
Max. Unit
|ILI|
Input Leakage Current
(5)
VCC = 5.5V, VIN = 0V to VCC
—10
5
µA
|ILO|
Output Leakage Current
(5)
VCC = 5.5V,
CE = VIH
—10
5
µA
VOUT = 0V to VCC
VOL
Output Low Voltage
IOL = 4mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –4mA
2.4
2.4
V
2654 tbl 04
NOTE:
1. At Vcc < 2.0V leakages are undefined.


Similar Part No. - IDT70121S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT70121S25JG IDT-IDT70121S25JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S25JGI IDT-IDT70121S25JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70121S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com