Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70125S Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70125S
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125S Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70125S Datasheet HTML 1Page - Integrated Device Technology IDT70125S Datasheet HTML 2Page - Integrated Device Technology IDT70125S Datasheet HTML 3Page - Integrated Device Technology IDT70125S Datasheet HTML 4Page - Integrated Device Technology IDT70125S Datasheet HTML 5Page - Integrated Device Technology IDT70125S Datasheet HTML 6Page - Integrated Device Technology IDT70125S Datasheet HTML 7Page - Integrated Device Technology IDT70125S Datasheet HTML 8Page - Integrated Device Technology IDT70125S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
6.10
4
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
DATA RETENTION CHARACTERISTICS (L Version Only)
70121L/70125L
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
2
V
ICCDR
Data Retention Current
VCC = 2.0V,
CE ≥ VCC – 0.2V
Com’l.
100
1500
µA
tCDR
(3)
Chip Deselect to Data Retention Time
VIN
≥ VCC – 0.2V or VIN ≤ 0.2V
0
ns
tR
(3)
Operation Recovery Time
tRC
(2)
——
ns
NOTES:
2654 tbl 06
1. VCC = 2V, TA = +25
°C, and are not production tested.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization but is not production tested.
DATA RETENTION WAVEFORM
VDR
2V
DATA RETENTION MODE
Vcc
CE
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
2654 drw 03
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(3)
70121X25
70121X35
70121X45
70121X55
70125X25
70125X35
70125X45
70125X55
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Unit
Read Cycle
tRC
Read Cycle Time
25
35
45
55
ns
tAA
Address Access Time
25
35
45
55
ns
tACE
Chip Enable Access Time
25
35
45
55
ns
tAOE
Output Enable Access Time
12
25
30
35
ns
tOH
Output Hold from Address Change
0
0
0
0
ns
tLZ
Output Low-Z Time
(1,2)
0—
0
0—
0
ns
tHZ
Output High-Z Time
(1,2)
—10
15
—20
30
ns
tPU
Chip Enable to Power-Up Time
(2)
0—
0
0—
0
ns
tPD
Chip Disable to Power-Down Time
(2)
—50
50
—50
50
ns
NOTES:
2654 tbl 08
1. Transition is measured
±500mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter guaranteed by device characterization, but is not production tested.
3. “X” in part numbers indicates power rating (S or L).
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
Figures 1 and 2
2654 tbl 07
1250
30pF
775
DATAOUT
BUSY
INT
5V
5V
1250
5pF
775
DATAOUT
2654 drw 04
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(
For tLZ, tHZ, tWZ, tOW)
Including scope and jig.


Similar Part No. - IDT70125S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125S IDT-IDT70125S Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S IDT-IDT70125S Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT70125S25JG IDT-IDT70125S25JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S25JGI IDT-IDT70125S25JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125S35JG IDT-IDT70125S35JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com