Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70125L Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70125L
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125L Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70125L Datasheet HTML 4Page - Integrated Device Technology IDT70125L Datasheet HTML 5Page - Integrated Device Technology IDT70125L Datasheet HTML 6Page - Integrated Device Technology IDT70125L Datasheet HTML 7Page - Integrated Device Technology IDT70125L Datasheet HTML 8Page - Integrated Device Technology IDT70125L Datasheet HTML 9Page - Integrated Device Technology IDT70125L Datasheet HTML 10Page - Integrated Device Technology IDT70125L Datasheet HTML 11Page - Integrated Device Technology IDT70125L Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
6.10
10
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
tINS
ADDR'A'
INT'B'
INTERRUPT SET ADDRESS
tWC
tAS
R/
W'A'
tWR
2654 drw 14
(2)
(3)
(3)
(4)
NOTES:.
1.
All timing is the same for left and right ports. Port 'A' may be either left or right port. Port 'B' is the opposite from port 'A'.
2. See Interupt Truth Table.
3. Timing depends on which enable signal (
CE or R/W) is asserted last.
4. Timing depends on which enable signal (
CE or R/W) is de-asserted first.
TIMING WAVEFORM OF INTERRUPT MODE
TRUTH TABLES
TRUTH TABLE II – INTERRUPT FLAG(1,4)
Left Port
Right Port
R/
W
W
W
W
WL
CE
CE
CE
CE
CEL
OE
OE
OE
OE
OEL
A0L – A10L
INT
INT
INT
INT
INTL
R/
W
W
W
W
WR
CE
CE
CE
CE
CER
OE
OE
OE
OE
OER A0L – A10R INT
INT
INT
INT
INTR
Function
L
L
X
7FF
XXXX
X
L
(2)
Set Right
INTR Flag
X
X
X
X
X
X
L
L
7FF
H
(3)
Reset Right
INTR Flag
XXX
X
L
(3)
L
L
X
7FE
X
Set Left
INTL Flag
X
L
L
7FE
H
(2)
X
X
X
X
X
Reset Left
INTL Flag
NOTES:
2654 tbl 13
1. Assumes
BUSYL = BUSYR = VIH
2. If
BUSYL = VIL, then No Change.
3. If
BUSYR = VIL, then No Change.
4. 'H' = VIH,' L' = VIL,' X' = DON’T CARE.
TRUTH TABLE I –
NON-CONTENTION READ/WRITE CONTROL(4)
Left or Right Port(1)
R/
W
W
W
W
W CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
D0–8
Function
X
H
X
Z
Port Disabled and in Power-
Down Mode, ISB2 or ISB4
XH
X
Z
CER = CEL = H, Power-Down
Mode, ISB1 or ISB3
L
L
X
DATAIN
Data on Port Written Into Memory
(2)
H
L
L
DATAOUT Data in Memory Output on Port
(3)
H
L
H
Z
High-impedance Outputs
NOTES:
2654 tbl 12
1. A0L – A10L
≠ A0R – A10R.
2. If
BUSY = VIL, data is not written.
3. If
BUSY = VIL, data may not be valid, see tWDD and tDDD timing.
4. 'H' = VIH, 'L' = VIL, 'X' = DON’T CARE, 'Z' = High-impedance.


Similar Part No. - IDT70125L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125L IDT-IDT70125L Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125L IDT-IDT70125L Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT70125L25JG IDT-IDT70125L25JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125L25JGI IDT-IDT70125L25JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125L35JG IDT-IDT70125L35JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com