Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015L Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7015L
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015L Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7015L Datasheet HTML 1Page - Integrated Device Technology IDT7015L Datasheet HTML 2Page - Integrated Device Technology IDT7015L Datasheet HTML 3Page - Integrated Device Technology IDT7015L Datasheet HTML 4Page - Integrated Device Technology IDT7015L Datasheet HTML 5Page - Integrated Device Technology IDT7015L Datasheet HTML 6Page - Integrated Device Technology IDT7015L Datasheet HTML 7Page - Integrated Device Technology IDT7015L Datasheet HTML 8Page - Integrated Device Technology IDT7015L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.12
3
INDEX
IDT7015
(8K X 9)
PN-80
TQFP
TOP VIEW
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
58
57
56
55
54
53
52
51
50
49
48
47
46
59
60
45
I/O2L
GND
GND
A4R
BUSYL
BUSYR
INTR
INTL
GND
M/
S
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O0R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
A3R
A2R
A1R
A0R
A0L
A1L
A2L
A3L
A4L
17
18
19
20
I/O6R
NC
VCC
44
43
42
41
NC
A5L
NC
2954 drw 03
NC
NC
NC
(3)
2954 drw 04
51
50
48
46
44
42
40
38
36
53
55
57
59
61
63
65
67
68
66
13579
11
13
15
20
22
24
26
28
30
32
35
A
B
CDE
F
G
H
J
K
L
47
45
43
41
34
21
23
25
27
29
31
33
246810
12
14
16
18
19
17
56
58
60
62
64
11
10
09
08
07
06
05
04
03
02
01
52
54
49
39
37
A5L
INTL
N/C
SEML CEL
VCC
OEL R/WL
I/O0L
I/O8L
GND
GND
I/O0R
VCC
I/O8R
OER
R/
WR
SEMR CER
GND
BUSYR
BUSYL M/S
INTR
N/C
GND
A1R
N/C
N/C
INDEX
A4L
A2L
A0L
A3R
A2R
A4R
A5R
A7R
A6R
A9R
A8R
A11R
A10R
A12R
A0R
A7L
A6L
A3L
A1L
A9L
A8L
A11L
A10L
A12L
VCC
I/O2R
I/O3R I/O5R
I/O6R
I/O1R
I/O4R
I/O7R
I/O1L
I/O2L I/O4L
I/O7L
I/O3L I/O5L
I/O6L
IDT7015
(8K x 9)
G68-1
68-PIN PGA
TOP VIEW
(3)
NOTES:
1. All Vcc must be connected to power supply.
2. All GND must be connected to ground supply.
3. This text does not imply orientation of Part-Mark.
PIN CONFIGURATIONS (CON'T.) (1,2)


Similar Part No. - IDT7015L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015L IDT-IDT7015L Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12G IDT-IDT7015L12G Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12GB IDT-IDT7015L12GB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12GI IDT-IDT7015L12GI Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12J IDT-IDT7015L12J Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com