Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7007S55PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7007S55PF
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7007S55PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7007S55PF Datasheet HTML 3Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 4Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 5Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 6Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 7Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 8Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 9Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 10Page - Integrated Device Technology IDT7007S55PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,6) (con't.) (VCC = 5.0V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (S or L)
2. VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using
“AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
6. Industrial temperature: for other speeds, packages and powers contact your sales office.
Symbol
Parameter
Test Condition
Version
7007X35
Com'l &
Military
7007X55
Com'l, Ind
& Military
Unit
Typ.(2)
Max.
Typ.(2)
Max.
ICC
Dynamic Operating Current
(Both Ports Active)
CE
= VIL, Outputs Open
SEM
= VIH
f = fMAX(3)
COM'L
S
L
160
160
295
255
150
150
270
230
mA
MIL &
IND
S
L
____
____
335
295
150
150
310
270
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL
= CER = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'L
S
L
20
20
85
60
20
20
85
60
mA
MIL &
IND
S
L
____
____
100
80
13
13
100
80
ISB2
Standby Current
(One Port - TTL Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Open,
f=fMAX(3)
SEMR
= SEML = VIH
COM'L
S
L
95
95
185
155
85
85
165
135
mA
MIL &
IND
S
L
____
____
215
185
85
85
195
165
ISB3
Full Standby Current (Both
Ports - All CMOS Level
Inputs)
Both Ports CEL and
CER
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
____
____
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS Level
Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR
= SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Open
f = fMAX(3)
COM'L
S
L
90
90
160
135
80
80
135
110
mA
MIL &
IND
S
L
____
____
190
165
80
80
165
140
2940 tbl 10


Similar Part No. - IDT7007S55PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7007S55PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com