Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015L15J Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7015L15J
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015L15J Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7015L15J Datasheet HTML 7Page - Integrated Device Technology IDT7015L15J Datasheet HTML 8Page - Integrated Device Technology IDT7015L15J Datasheet HTML 9Page - Integrated Device Technology IDT7015L15J Datasheet HTML 10Page - Integrated Device Technology IDT7015L15J Datasheet HTML 11Page - Integrated Device Technology IDT7015L15J Datasheet HTML 12Page - Integrated Device Technology IDT7015L15J Datasheet HTML 13Page - Integrated Device Technology IDT7015L15J Datasheet HTML 14Page - Integrated Device Technology IDT7015L15J Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.12
11
TIMING WAVEFORM OF SEMAPHORE READ AFTER WRITE TIMING, EITHER SIDE(1)
NOTES:
1. DOR = DOL =VIH,
CER = CEL =VIH.
2. All timing is the same for left and right ports. Port “A” may be either left or right port. “B” is the opposite port from “A”.
3. This parameter is measured from R/
W"A" or SEM"A" going high to R/W"B" or SEM"B" going High.
4. If tSPS is not satisfied, there is no guarantee which side will obtain the semaphore flag.
TIMING WAVEFORM OF SEMAPHORE WRITE CONTENTION(1,3,4)
SEM"A"
2954 drw 12
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2 "A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
SIDE
"B"
(2)
A0"B"-A2 "B"
NOTES:
1.
CE = VIH for the duration of the above timing (both write and read cycle).
2. "DATAOUT VALID" represents all I/O's (I/O0-I/O8) equal to the semaphore value.
SEM
2954 drw 11
tAW
tEW
tSOP
I/O
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATAIN
VALID
DATAOUT
tDW
tWP
tDH
tAS
tSWRD
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)


Similar Part No. - IDT7015L15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015L15J IDT-IDT7015L15J Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L15JB IDT-IDT7015L15JB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L15JI IDT-IDT7015L15JI Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015L15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com