Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7026S25G Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7026S25G
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7026S25G Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7026S25G Datasheet HTML 3Page - Integrated Device Technology IDT7026S25G Datasheet HTML 4Page - Integrated Device Technology IDT7026S25G Datasheet HTML 5Page - Integrated Device Technology IDT7026S25G Datasheet HTML 6Page - Integrated Device Technology IDT7026S25G Datasheet HTML 7Page - Integrated Device Technology IDT7026S25G Datasheet HTML 8Page - Integrated Device Technology IDT7026S25G Datasheet HTML 9Page - Integrated Device Technology IDT7026S25G Datasheet HTML 10Page - Integrated Device Technology IDT7026S25G Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IDT7026S/L
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.17
7
IDT7026X35
IDT7026X55
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
55
ns
tAA
Address Access Time
35
55
ns
tACE
Chip Enable Access Time
(3)
—35—55
ns
tABE
Byte Enable Access Time
(3)
—35—55
ns
tAOE
Output Enable Access Time
20
30
ns
tOH
Output Hold from Address Change
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—35—50
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)15
15
ns
tSAA
Semaphore Address Access Time
35
55
ns
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns Max.
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
Figures 1 and 2
2939 tbl 11
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4)
IDT7026X20
IDT7026X25
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
20
25
ns
tAA
Address Access Time
20
25
ns
tACE
Chip Enable Access Time
(3)
—20—25
ns
tABE
Byte Enable Access Time
(3)
—20—25
ns
tAOE
Output Enable Access Time
12
13
ns
tOH
Output Hold from Address Change
3
3
ns
tLZ
Output Low-Z Time
(1, 2)
3—
3—
ns
tHZ
Output High-Z Time
(1, 2)
—12—15
ns
tPU
Chip Enable to Power Up Time
(2)
0—
0—
ns
tPD
Chip Disable to Power Down Time
(2)
—20—25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
12
ns
tSAA
Semaphore Address Access Time
20
25
ns
2939 tbl 12
2939 drw 05
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF
347
5V
DATAOUT
2939 drw 04
Figure 1. AC Output Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.
NOTES:
1. Transition is measured
±200mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT7026S25G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7026S25G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com