Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70824L Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70824L
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824L Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70824L Datasheet HTML 6Page - Integrated Device Technology IDT70824L Datasheet HTML 7Page - Integrated Device Technology IDT70824L Datasheet HTML 8Page - Integrated Device Technology IDT70824L Datasheet HTML 9Page - Integrated Device Technology IDT70824L Datasheet HTML 10Page - Integrated Device Technology IDT70824L Datasheet HTML 11Page - Integrated Device Technology IDT70824L Datasheet HTML 12Page - Integrated Device Technology IDT70824L Datasheet HTML 13Page - Integrated Device Technology IDT70824L Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
End of buffer flag for Buffer #1
End of buffer flag for Buffer #2
15
0
MSB
H
HH
H
H
H
H
H
H
HH
H
H
1
0
LSB I/O BITS
H
3099 drw 12
Cases 8 and 9: (Reserved)
Illegal operations. All outputs will be HIGH on the I/O bus during a READ.
Case 7: Flag Status Register Read
Conditions
Flow Control Bits(5)
NOTES:
1. "H" = VOH for I/O in the output state and "Don't Cares"' for I/O in the input state.
2. Writing a 0 into bit 4 releases the address pointer after it is stopped due to the STOP mode and allows sequential write operations to resume. This occurs asynchronously
of SCLK, and therefore caution should be taken. The pointer will be at address EOB+2 on the next rising edge of SCLK that is enabled by
CNTEN. The pointer is
also released by
RST, SLD, SSTRT1 and SSTRT2 operations.
Flow Control Register Description(1,2)
NOTE:
1. "H" = VOH for I/O in the output state and "Don't Cares" for I/O in the input state.
Cases 6 and 7: Flag Status Register Bit Description(1)
NOTES:
1.
EOB1 and EOB2 may be asserted (set) at the same time, if both end addresses have been loaded with the same value.
2.
CMD flow control bits are unchanged, the count does not continue advancement.
3. If
EOB1 and EOB2 are equal, then the pointer will jump to the start of Buffer #1.
4. If the counter has stopped at
EOBx and was released by bit 4 of the flow control register, CNTEN must be LOW on the next rising edge of SCLK; otherwise the flow
control will remain in the stop mode.
5. Flow Control Bit settings of '10' and '11' are reserved.
6. Start address and End of address for Buffer #2 and the Flow Control for both Buffer #1 and #2, must be programmed as described in the "Buffer Command Mode"
section.
RST conditions are not set to valid addresses.
Cases 6: Flag Status Register
Write Conditions(1)
NOTES:
1. Either bit 0 or bit 1, or both bits, may be changed simultaneously. One may be
cleared while the second is left alone, or both may be cleared.
2. Remains as it was prior to the
CMD operation, either HIGH (1) or LOW (0).
Buffer #1 flow control
Buffer #2 flow control
Counter Release
(STOP Mode Only)
15
MSB
LSB I/O BITS
0
H
HH
H
H
HH
4
3
2
1
0
HH
H
H
3099 drw 11
Flow Control
Bit 1 & Bit 0
(Bit 3 & Bit 2)
Mode
Functional Description
00
BUFFER
CHAINING
EOB1 (EOB2) is asserted (Active LOW output) when the pointer matches the end address of Buffer #1 (Buffer #2).
The pointer value is changed to the start address of Buffer #2 (Buffer #1)
(1,3)
01
STOP
EOB1 (EOB2) is asserted when the pointer matches the end address of Butler #1 (Butler #2).
The address pointer will stop incrementing when it reaches the next address
(EOB address + 1), if CNTEN is LOW
on the next clock's rising edge. Otherwise, the address pointer will stop incrementing on
EOB. Sequential write
operations are inhibited after the address pointer is stopped. The pointer can be released by bit 4 of the flow
control register.
(1,2,4)
3099 tbl 17
Flag Status Bit 0, (Bit 1)
Functional Description
0
Clears Buffer Flag
EOB1, (EOB2).
1
No chang e to the Buffer Flag.(2)
3099 tbl 18
Flag Status Bit 0, (Bit 1)
Functional Description
0
EOB1 (EOB2) flag has not been set, the
Pointer has not reached the End of the
Buffer.
1
EOB1 (EOB2) flag has been set, the
Pointer has reached the end of the
Buffer.
3099 tbl 19


Similar Part No. - IDT70824L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com