Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM321 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM321
Description  CMOS Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM321 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM321 Datasheet HTML 3Page - SG Micro Corp SGM321 Datasheet HTML 4Page - SG Micro Corp SGM321 Datasheet HTML 5Page - SG Micro Corp SGM321 Datasheet HTML 6Page - SG Micro Corp SGM321 Datasheet HTML 7Page - SG Micro Corp SGM321 Datasheet HTML 8Page - SG Micro Corp SGM321 Datasheet HTML 9Page - SG Micro Corp SGM321 Datasheet HTML 10Page - SG Micro Corp SGM321 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
1MHz, 60μA, Rail-to-Rail I/O
SGM321/SGM358/SGM324
CMOS Operational Amplifiers
7
SG Micro Corp
www.sg-micro.com
APPLICATION NOTES
Driving Capacitive Loads
The SGM321/SGM358/SGM324 can directly drive 250pF in
unity-gain without oscillation. The unity-gain follower (buffer) is
the most sensitive configuration to capacitive loading. Direct
capacitive loading reduces the phase margin of amplifiers and
this results in ringing or even oscillation. Applications that require
greater capacitive driving capability should use an isolation
resistor between the output and the capacitive load like the
circuit in Figure 1. The isolation resistor RISO and the load
capacitor CL form a zero to increase stability. The bigger the RISO
resistor value, the more stable VOUT will be. Note that this method
results in a loss of gain accuracy because RISO forms a voltage
divider with the RLOAD.
VIN
VOUT
SGM321
CL
RISO
Figure 1. Indirectly Driving Heavy Capacitive Load
An improved circuit is shown in Figure 2. It provides DC accuracy
as well as AC stability. RF provides the DC accuracy by
connecting the inverting signal with the output. CF and RIso serve
to counteract the loss of phase margin by feeding the high
frequency component of the output signal back to the amplifier’s
inverting input, thereby preserving phase margin in the overall
feedback loop.
VIN
VOUT
SGM321
CL
RISO
RL
RF
CF
Figure 2. Indirectly Driving Heavy Capacitive Load with DC
Accuracy
For non-buffer configuration, there are two other ways to
increase the phase margin: (a) by increasing the amplifier’s gain
or (b) by placing a capacitor in parallel with the feedback resistor
to counteract the parasitic capacitance associated with inverting
node.
Power-Supply Bypassing and Layout
The SGM321/SGM358/SGM324 can operate from either a
single +2.1V to +5.5V supply or dual ±1.05V to ±2.75V
supplies. For single-supply operation, bypass the power
supply +VS with a 0.1µF ceramic capacitor which should be
placed close to the +VS pin. For dual-supply operation, both
the +VS and the -VS supplies should be bypassed to ground
with separate 0.1µF ceramic capacitors. 2.2µF tantalum
capacitor can be added for better performance.
SGM321
Vn
Vp
+VS
-VS (GND)
VOUT
10µF
0.1µF
SGM321
+VS
Vn
Vp
-VS
VOUT
10µF
0.1µF
10µF
0.1µF
Figure 3. Amplifier with Bypass Capacitors


Similar Part No. - SGM321

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM321 SGMICRO-SGM321 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM321 SGMICRO-SGM321 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM321BYN5/TR SGMICRO-SGM321BYN5/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM321YC5/TR SGMICRO-SGM321YC5/TR Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM321

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com