Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM321 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM321
Description  CMOS Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM321 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM321 Datasheet HTML 5Page - SG Micro Corp SGM321 Datasheet HTML 6Page - SG Micro Corp SGM321 Datasheet HTML 7Page - SG Micro Corp SGM321 Datasheet HTML 8Page - SG Micro Corp SGM321 Datasheet HTML 9Page - SG Micro Corp SGM321 Datasheet HTML 10Page - SG Micro Corp SGM321 Datasheet HTML 11Page - SG Micro Corp SGM321 Datasheet HTML 12Page - SG Micro Corp SGM321 Datasheet HTML 13Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1MHz, 60μA, Rail-to-Rail I/O
SGM321/SGM358/SGM324
CMOS Operational Amplifiers
9
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SC70-5
e
e1
E1
E
D
b
A
A2
A1
L
c
θ
0.20
L1
RECOMMENDED LAND PATTERN (Unit: mm)
1.9
0.65
1.3
0.75
0.4
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.65 TYP
0.026 TYP
e1
1.300 BSC
0.051 BSC
L
0.525 REF
0.021 REF
L1
0.260
0.460
0.010
0.018
θ


Similar Part No. - SGM321

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM321 SGMICRO-SGM321 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM321 SGMICRO-SGM321 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM321BYN5/TR SGMICRO-SGM321BYN5/TR Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM321YC5/TR SGMICRO-SGM321YC5/TR Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM321

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com