Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM800-1.63YN5GTR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM800-1.63YN5GTR
Description  Capacitor-Adjustable Reset Timeout Delay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM800-1.63YN5GTR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM800-1.63YN5GTR Datasheet HTML 1Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 2Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 3Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 4Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 5Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 6Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 7Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 8Page - SG Micro Corp SGM800-1.63YN5GTR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Power, SOT µP Reset Circuit with
SGM800
Capacitor-Adjustable Reset Timeout Delay
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PIN-PACKAGE
RESET
THRESHOLD (TYP)
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
1.63V
SGM800-1.63YN5G/TR
S69XX
Tape and Reel, 3000
2.32V
SGM800-2.32YN5G/TR
S6AXX
Tape and Reel, 3000
2.63V
SGM800-2.63YN5G/TR
S6BXX
Tape and Reel, 3000
SGM800
SOT-23-5
2.93V
SGM800-2.93YN5G/TR
S6CXX
Tape and Reel, 3000
NOTE: Order number and package marking are defined as the follow:
ORDER NUMBER
SGM800 - X X X G / TR
Package Type
Tape and Reel
N5
SOT-23-5
Operating Temperature Range
Y
-40
℃ to +85℃
Reset Threshold
1.63
1.63V
2.32
2.32V
2.63
2.63V
2.93
2.93V
Green product
MARKING INFORMATION
For example: S69BA (2011, January)
SYY X X
Date code - Year ("A" = 2010, "B" = 2011 …)
Date code - Month ("A" = Jan. "B" = Feb. … "L" = Dec.)
Chip I.D.
ABSOLUTE MAXIMUM RATINGS
All Voltages Referenced to GND
VCC.............................................................................-0.3V to 6V
RESET (open-drain).................................................-0.3V to 6V
Input Current (all pins)........................................................20mA
Output Current (RESET ) ....................................................20mA
Operating Temperature Range ...........................-40
℃ to +85℃
Storage Temperature Range ............................-65
℃ to +150℃
Junction Temperature........................................................150
Lead Temperature (Soldering, 10s) ..................................260
ESD Susceptibility
HBM................................................................................. 3000V
MM......................................................................................300V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM800-1.63YN5GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM800-1.63YN5G/TR SGMICRO-SGM800-1.63YN5G/TR Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results

Similar Description - SGM800-1.63YN5GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com