Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6167LA20D Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT6167LA20D
Description  CMOS STATIC RAM 16K (16K x 1-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6167LA20D Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT6167LA20D Datasheet HTML 1Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 2Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 3Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 4Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 5Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 6Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 7Page - Integrated Device Technology IDT6167LA20D Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.2
6
IDT6167SA/LA
CMOS STATIC RAM 16K (16K x 1-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ CYCLE NO. 1
(1, 2)
NOTES:
1.
WE is HIGH for Read cycle.
2. Device is continuously selected,
CS is LOW.
3. Address valid prior to or coincedent with
CS transition LOW.
4. Transition is measured
±200mV from steady state.
TIMING WAVEFORM OF READ CYCLE NO. 2
(1, 3)
2981 drw 06
ADDRESS
DATAOUT
tRC
tAA
tOH
PREVIOUS DATAOUT VALID
DATAOUT VALID
2981 drw 07
DATAOUT
CS
tACS
(4)
tCLZ
(4)
tCHZ
tPD
tPU
ICC
ISB
VCC SUPPLY
CURRENT
tRC
HIGH
IMPEDANCE
DATAOUT VALID
HIGH IMPEDANCE


Similar Part No. - IDT6167LA20D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6168 IDT-IDT6168 Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA IDT-IDT6168LA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15D IDT-IDT6168LA15D Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT6168LA15DB IDT-IDT6168LA15DB Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
More results

Similar Description - IDT6167LA20D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
   16K x 1 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
   16K CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com