Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T633S8BC Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70T633S8BC
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T633S8BC Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70T633S8BC Datasheet HTML 1Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 2Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 3Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 4Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 5Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 6Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 7Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 8Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
IDT70T633/1S
Preliminary
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
NOTES:
1. All VDD pins must be connected to 2.5V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V), and 2.5V if OPT pin for that port is
set to VSS (0V).
3. All VSS pins must be connected to ground.
4. A18X is a NC for IDT70T631.
5. Package body is approximately 20mm x 20mm x 1.4mm.
6. This package code is used to reference the package diagram.
7. 8ns Commercial and 10ns Industrial speed grades are not available in the DD-144 package.
8. This text does not indicate orientation of the actual part-marking.
9. Due to the restricted number of pins, JTAG is not supported in the DD-144 package.
VSS
VDDQR
VSS
I/O9L
I/O9R
I/O10L
I/O10R
I/O11L
I/O11R
VDDQL
VSS
I/O12L
I/O12R
VDDQR
ZZR
VDD
VDD
VSS
VSS
VDDQL
VSS
I/O13R
I/O13L
I/O14R
I/O14L
VDDQR
VSS
I/O15R
I/O15L
I/O16R
I/O16L
I/O17R
I/O17L
VSS
VDDQL
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
OPTL
VDDQR
VSS
I/O8L
I/O8R
I/O7L
I/O7R
I/O6L
I/O6R
VSS
VDDQL
I/O5L
I/O5R
VSS
VDDQR
VDD
VDD
VSS
VSS
ZZL
VDDQL
I/O4R
I/O4L
I/O3R
I/O3L
VSS
VDDQR
I/O2R
I/O2L
I/O1R
I/O1L
I/O0R
I/O0L
VSS
VDDQL
OPTR
70T633/1DD
DD-144(5,6,7)
144-Pin TQFP
Top View(8)
5670 drw 02a
,
03/13/03
Pin Configurations(1,2,3,8) (con't.)


Similar Part No. - IDT70T633S8BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T633S8BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Alliance Semiconductor ...
AS9C25512M2018L ALSC-AS9C25512M2018L Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com