Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T633S8BC Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70T633S8BC
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T633S8BC Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70T633S8BC Datasheet HTML 5Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 6Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 7Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 8Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 9Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 10Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 11Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 12Page - Integrated Device Technology IDT70T633S8BC Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
IDT70T633/1S
Preliminary
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
Symbol
Parameter
Test Conditions
70T633/1S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILI|
JTAG & ZZ Input Leakage Current(1,2)
VDD = Max., VIN = 0V to VDD
___
+30
µA
|ILO|
Output Leakage Current(1,3)
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(1)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(1)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(1)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(1)
IOH = -2mA, VDDQ = Min.
2.0
___
V
5670 tbl 09
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(VDD = 2.5V ± 100mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, using "AC TEST CONDITIONS".
2. f = 0 means no address or control lines change. Applies only to input at CMOS level standby.
3. VDD = 2.5V, TA = 25°C for Typ. values, and are not production tested. IDD DC(f=0) = 100mA (Typ).
4. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDDQX - 0.2V
CEX
> VDDQX - 0.2V means CE0X > VDDQX - 0.2V or CE1X - 0.2V
"X" represents "L" for left port or "R" for right port.
5. ISB1, ISB2 and ISB4 will all reach full standby levels (ISB3) on the appropriate port(s) if ZZL and /or ZZR = VIH.
6. 8ns Commercial and 10ns Industrial speed grades are available in BF-208 and BC-256 packages only.
70T633/1S8(6)
Com'l Only
70T633/1S10
Com'l
& Ind(6)
70T633/1S12
Com'l
& Ind
70T633/1S15
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled
f = fMAX(1)
COM'L
S
350
475
300
405
300
355
225
305
mA
IND
S
____
____
300
445
300
395
____
____
ISB1(6)
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
115
140
90
120
75
105
60
85
mA
IND
S
____
____
90
145
75
130
____
____
ISB2(6)
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f = fMAX(1)
COM'L
S
240
315
200
265
180
230
150
200
mA
IND
S
____
____
200
290
180
255
____
____
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V, VIN > VDD - 0.2V
or VIN < 0.2V, f = 0(2)
COM'L
S
210
2
10
210
2
10
mA
IND
S
____
____
220220
____
____
ISB4(6)
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and CE"B" > VDD - 0.2V(5)
VIN > VDD - 0.2V or VIN < 0.2V, Active
Port, Outputs Disabled, f = fMAX(1)
COM'L
S
240
315
200
265
180
230
150
200
mA
IND
S
____
____
200
290
180
255
____
____
IZZ
Sleep Mode Current
(Both Ports - TTL
Level Inputs)
ZZL = ZZR = VIH
f = fMAX(1)
COM'L
S
210
2
10
210
2
10
mA
IND
S
____
____
220220
____
____
5670 tbl 10
NOTES:
1. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to page 6 for details.
2. Applicable only for TMS, TDI and TRST inputs.
3. Outputs tested in tri-state mode.


Similar Part No. - IDT70T633S8BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T633S8BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Alliance Semiconductor ...
AS9C25512M2018L ALSC-AS9C25512M2018L Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com