Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM800-2.93YN5G Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM800-2.93YN5G
Description  Capacitor-Adjustable Reset Timeout Delay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM800-2.93YN5G Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM800-2.93YN5G Datasheet HTML 3Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 4Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 5Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 6Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 7Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 8Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 9Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 10Page - SG Micro Corp SGM800-2.93YN5G Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Low-Power, SOT µP Reset Circuit with
SGM800
Capacitor-Adjustable Reset Timeout Delay
8
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
Interfacing
to
Other
Voltages
for
Logic
Compatibility
The open-drain output of the SGM800 can be used to
interface to µPs with other logic levels. As shown in
Figure 1, the open-drain output can be connected to
voltages from 0 to 5.5V. This allows for easy logic
compatibility to various µPs.
+
-
VREF
VCC
3.3V
RESET
TIMEOUT
RESET
SRT
GND
CSRT
SGM800
5.0V
10k
Ω
5V
SYSTEM
Figure 1. Open-Drain RESET Output Allows Use with Multiple
Supplies
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, this supervisor is
relatively immune to short-duration negative-going
transients (glitches). The graph Maximum Transient
Duration vs. Reset Threshold Overdrive in the Typical
Performance Characteristics shows this relationship.
The area below the curve of the graph is the region in
which these devices typically do not generate a reset
pulse. This graph was generated using a negative-going
pulse applied to VCC, starting above the actual reset
threshold (VTH) and ending below it by the magnitude
indicated (reset-threshold overdrive). As the magnitude
of the transient decreases (further below the reset
threshold), the maximum allowable
pulse
width-
decreases. Typically, a VCC transient that goes 100mV
below the reset threshold and lasts 50µs or less does not
cause a reset pulse to be issued.
Wired-OR Reset
To allow auxiliary circuitry to hold the system in reset, an
external open-drain logic signal can be connected to the
open-drain RESET of the SGM800, as shown in Figure
2. This configuration can reset the µP, but does not
provide the reset timeout when the external logic signal is
released.
RESET
μP
RESET
VCC
VCC
OPEN-DRAIN
LOGIC
N
N
10k
Ω
GND
SGM800
Figure 2. Wired-OR Reset Circuit
Layout Consideration
SRT is a precise current source. When developing the
layout for the application, be careful to minimize board
capacitance and leakage currents around this pin. Traces
connected to SRT should be kept as short as possible.
Traces carrying high-speed digital signals and traces with
large voltage potentials should be routed as far from SRT
as possible. Leakage current and stray capacitance (e.g.,
a scope probe) at this pin could cause errors in the reset
timeout period. When evaluating these parts, use clean
prototype boards to ensure accurate reset periods.


Similar Part No. - SGM800-2.93YN5G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM800-2.93YN5G/TR SGMICRO-SGM800-2.93YN5G/TR Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results

Similar Description - SGM800-2.93YN5G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com