Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2023 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM2023
Description  RF-Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2023 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM2023 Datasheet HTML 1Page - SG Micro Corp SGM2023 Datasheet HTML 2Page - SG Micro Corp SGM2023 Datasheet HTML 3Page - SG Micro Corp SGM2023 Datasheet HTML 4Page - SG Micro Corp SGM2023 Datasheet HTML 5Page - SG Micro Corp SGM2023 Datasheet HTML 6Page - SG Micro Corp SGM2023 Datasheet HTML 7Page - SG Micro Corp SGM2023 Datasheet HTML 8Page - SG Micro Corp SGM2023 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Quad, Low Power, Low Dropout,
200mA, RF-Linear Regulators
5
SGM2023
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) + 0.5V or 2.5V
(1), TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Output Voltage Accuracy
(1)
IOUT = 0.1mA, TA = +25°C
-2
+2
%
Maximum Output Current
200
mA
Current Limit
ILIM
210
350
mA
Ground Pin Current
IQ
No load, EN = 2V
350
550
μA
IOUT = 1mA
1
Dropout Voltage
(2)
IOUT = 200mA
220
330
mV
Line Regulation
(1)
ΔVLNR
VIN = 2.5V or (VOUT + 0.5V) to 5.5V,
IOUT = 1mA
0.01
0.15
%/V
Load Regulation
ΔVLDR
IOUT = 0.1mA to 200mA, COUT = 1µF
0.0005
0.004
%/mA
Output Voltage Noise
en
f = 10Hz to 100kHz, CBP = 0.1µF,COUT = 10µF
30
µVRMS
f = 100Hz
72
dB
Power Supply Rejection Rate
PSRR
CBP = 0.1µF, ILOAD = 50mA,
COUT = 1µF
f = 1kHz
70
dB
SHUTDOWN
VIH
1.5
EN Input Threshold
VIL
VIN = 2.5V to 5.5V
0.4
V
TA = +25°C
0.01
1
EN Input Bias Current
IB(SHDN)
EN = 0V and EN = 5.5V
TA = +85°C
0.01
1
μA
TA = +25°C
0.01
1
Shutdown Supply Current
IQ(SHDN)
EN = 0.4V
TA = +85°C
0.01
1
μA
Shutdown Exit Delay
(3)
CBP = 0.01µF, COUT = 1µF,
No load
TA = +25°C
30
μs
THERMAL PROTECTION
Thermal Shutdown
Temperature
TSHDN
160
Thermal Shutdown
Hysteresis
ΔTSHDN
15
NOTES:
1. VIN = VOUT(NOMINAL) + 0.5V or 2.5V, whichever is greater.
2. The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V. (Only applicable
for VOUT = +2.5V to +3.3V.)
3. Time needed for VOUT to reach 95% of final value.


Similar Part No. - SGM2023

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
SGM2022 ETC2-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
List of Unclassifed Man...
SGM2022-AYN6/TR ETC2-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022-AYN6/TR SGMICRO-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
More results

Similar Description - SGM2023

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com