Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2026 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM2026
Description  Quad Low Power Low Dropout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2026 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM2026 Datasheet HTML 4Page - SG Micro Corp SGM2026 Datasheet HTML 5Page - SG Micro Corp SGM2026 Datasheet HTML 6Page - SG Micro Corp SGM2026 Datasheet HTML 7Page - SG Micro Corp SGM2026 Datasheet HTML 8Page - SG Micro Corp SGM2026 Datasheet HTML 9Page - SG Micro Corp SGM2026 Datasheet HTML 10Page - SG Micro Corp SGM2026 Datasheet HTML 11Page - SG Micro Corp SGM2026 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Quad, Low Power, Low Dropout,
200mA, RF-Linear Regulator
10
SGM2026
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
TQFN-3×3-16L
TOP VIEW
BOTTOM VIEW
SIDE VIEW
A
A2
A1
e
E1
b
L
k
D1
D
E
N1
N5
N16
1.7
1.7
0.7
2.2
3.6
0.5
0.24
RECOMMENDED LAND PATTERN
(Unit: mm)
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A2
0.203 REF
0.008 REF
D
2.900
3.100
0.114
0.122
D1
1.600
1.800
0.063
0.071
E
2.900
3.100
0.114
0.122
E1
1.600
1.800
0.063
0.071
k
0.200 MIN
0.008 MIN
b
0.180
0.300
0.007
0.012
e
0.500 TYP
0.020 TYP
L
0.300
0.500
0.012
0.020


Similar Part No. - SGM2026

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
SGM2022 ETC2-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
List of Unclassifed Man...
SGM2022-AYN6/TR ETC2-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022-AYN6/TR SGMICRO-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
More results

Similar Description - SGM2026

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2025 SGMICRO-SGM2025 Datasheet
338Kb / 12P
   Quad Low Power Low Dropout
logo
Maxim Integrated Produc...
MAX6012 MAXIM-MAX6012 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
logo
AiT Semiconductor Inc.
A6250C AITSEMI-A6250C Datasheet
996Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
SHENZHEN FUMAN ELECTRON...
FM6215 FUMAN-FM6215 Datasheet
253Kb / 8P
   0.9uA Low Power Low Dropout Regulator
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_18 Datasheet
193Kb / 22P
   Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
logo
HYCON Technology Corpor...
HY2333 HYCON-HY2333 Datasheet
375Kb / 9P
   16mA Low-Power Low-Dropout Regulator
logo
International Rectifier
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Ultra Low Dropout
logo
Texas Instruments
TPS763 TI-TPS763_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150mA LOW-DROPOUT LINEAR REGULATO
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com