Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2027 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM2027
Description  Dual Low Dropout, 250mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2027 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM2027 Datasheet HTML 3Page - SG Micro Corp SGM2027 Datasheet HTML 4Page - SG Micro Corp SGM2027 Datasheet HTML 5Page - SG Micro Corp SGM2027 Datasheet HTML 6Page - SG Micro Corp SGM2027 Datasheet HTML 7Page - SG Micro Corp SGM2027 Datasheet HTML 8Page - SG Micro Corp SGM2027 Datasheet HTML 9Page - SG Micro Corp SGM2027 Datasheet HTML 10Page - SG Micro Corp SGM2027 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulator
9
SGM2027
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
TSOT-23-6
E
E1
e
e1
b
D
A
L
θ
0.25
A1
A2
c
0.99
0.95
0.69
RECOMMENDED LAND PATTERN
(Unit: mm)
2.59
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.700
0.900
0.028
0.035
A1
0.000
0.100
0.000
0.004
A2
0.700
0.800
0.028
0.031
b
0.350
0.500
0.014
0.020
c
0.080
0.200
0.003
0.008
D
2.820
3.020
0.111
0.119
E
1.600
1.700
0.063
0.067
E1
2.650
2.950
0.104
0.116
e
0.950 BSC
0.037 BSC
e1
1.900 BSC
0.075 BSC
L
0.300
0.600
0.012
0.024
θ


Similar Part No. - SGM2027

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
SGM2022 ETC2-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
List of Unclassifed Man...
SGM2022-AYN6/TR ETC2-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022-AYN6/TR SGMICRO-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
More results

Similar Description - SGM2027

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com