Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2030 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM2030
Description  RF- Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2030 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM2030 Datasheet HTML 1Page - SG Micro Corp SGM2030 Datasheet HTML 2Page - SG Micro Corp SGM2030 Datasheet HTML 3Page - SG Micro Corp SGM2030 Datasheet HTML 4Page - SG Micro Corp SGM2030 Datasheet HTML 5Page - SG Micro Corp SGM2030 Datasheet HTML 6Page - SG Micro Corp SGM2030 Datasheet HTML 7Page - SG Micro Corp SGM2030 Datasheet HTML 8Page - SG Micro Corp SGM2030 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low Power, Low Dropout,
RF - Linear Regulators
2
SGM2030
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
VOUT (V)
PIN-
PACKAGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SGM2030-1.2
1.2V
UTDFN-1.2×1.6-4L
SGM2030-1.2YUDG4G/TR
63X
Tape and Reel, 5000
SGM2030-1.5
1.5V
UTDFN-1.2×1.6-4L
SGM2030-1.5YUDG4G/TR
9DX
Tape and Reel, 5000
SGM2030-1.8
1.8V
UTDFN-1.2×1.6-4L
SGM2030-1.8YUDG4G/TR
4EX
Tape and Reel, 5000
SGM2030-2.5
2.5V
UTDFN-1.2×1.6-4L
SGM2030-2.5YUDG4G/TR
9EX
Tape and Reel, 5000
SGM2030-2.6
2.6V
UTDFN-1.2×1.6-4L
SGM2030-2.6YUDG4G/TR
68X
Tape and Reel, 5000
SGM2030-2.8
2.8V
UTDFN-1.2×1.6-4L
SGM2030-2.8YUDG4G/TR
4FX
Tape and Reel, 5000
SGM2030-2.85
2.85V
UTDFN-1.2×1.6-4L
SGM2030-2.85YUDG4G/TR
BAX
Tape and Reel, 5000
SGM2030-3.0
3.0V
UTDFN-1.2×1.6-4L
SGM2030-3.0YUDG4G/TR
50X
Tape and Reel, 5000
SGM2030-3.3
3.3V
UTDFN-1.2×1.6-4L
SGM2030-3.3YUDG4G/TR
56X
Tape and Reel, 5000
NOTE: Order number is defined as the follow:
ORDER NUMBER
SGM2030 - X X X G / TR
Operating Temperature Range
Output Voltages
Package Type
Green Product
Tape and Reel
UDG4
UTDFN-1.2×1.6-4L
Y
-40
℃ to +85℃
1.2
1.2V
1.5
1.5V
1.8
1.8V
.
.
.
.
.
.
3.0
3.0V
3.3
3.3V


Similar Part No. - SGM2030

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.2 SGMICRO-SGM2031-1.2 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.5 SGMICRO-SGM2031-1.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.8 SGMICRO-SGM2031-1.8 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-2.5 SGMICRO-SGM2031-2.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
More results

Similar Description - SGM2030

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com