Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2027-PYTN6GTR Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM2027-PYTN6GTR
Description  Dual Low Dropout, 250mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2027-PYTN6GTR Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM2027-PYTN6GTR Datasheet HTML 3Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 4Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 5Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 6Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 7Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 8Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 9Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 10Page - SG Micro Corp SGM2027-PYTN6GTR Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulator
10
SGM2027
SG Micro Corp
www.sg-micro.com
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel
Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
TSOT-23-6
7″
9.5
3.2
3.1
1.1
4.0
4.0
2.0
8.0
Q3
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1


Similar Part No. - SGM2027-PYTN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
SGM2022 ETC2-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
List of Unclassifed Man...
SGM2022-AYN6/TR ETC2-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022-AYN6/TR SGMICRO-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
More results

Similar Description - SGM2027-PYTN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com