Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2101 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM2101
Description  DC/DC Power Management Unit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2101 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM2101 Datasheet HTML 4Page - SG Micro Corp SGM2101 Datasheet HTML 5Page - SG Micro Corp SGM2101 Datasheet HTML 6Page - SG Micro Corp SGM2101 Datasheet HTML 7Page - SG Micro Corp SGM2101 Datasheet HTML 8Page - SG Micro Corp SGM2101 Datasheet HTML 9Page - SG Micro Corp SGM2101 Datasheet HTML 10Page - SG Micro Corp SGM2101 Datasheet HTML 11Page - SG Micro Corp SGM2101 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Five-Channel, High Efficiency,
DC/DC Power Management Unit
8
SGM2101
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VPVSU = VPV = VPVM = VPVSD = VINDLB = +3.6V, TA = +25
℃, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAIN (BOOST/BUCK REGULATOR)
Main Boost Voltage Adjust Range
SUSD = PVSU
3.0
5.5
V
Main Buck Voltage Adjust Range
SUSD = GND, PVM must be
greater than output
2.45
5.00
V
PVM Under-Voltage Lockout in
Buck Mode
SUSD = GND
2.4
2.45
2.5
V
FBM Regulation Voltage
0.788
0.8
0.812
V
FBM to CCM Transconductance
FBM = CCM
80
120
160
µS
FBM Input Leakage Current
FBM =0.8V
-100
0.01
100
nA
Boost Mode (SUSD = PVSU)
200
Skip Mode Trip Level
Buck Mode (SUSD = GND)
150
mA
Boost Mode (SUSD = PVSU)
0.25
Current-Sense Amplifier
Transresistance
Buck Mode (SUSD = GND)
0.5
V/A
Boost Mode (SUSD = PVSU)
80
85
90
Maximum Duty Cycle
Buck Mode (SUSD = GND)
95
%
LXM Leakage Current
VLXM = 0V to 3.6V, PVSU = 3.6V
0.1
5
µA
N-Channel
150
300
Switch On-Resistance
P-Channel
200
300
mΩ
Boost Mode (SUSD = PVSU)
75
Synchronous Rectifier Turn-Off Current
Buck Mode (SUSD = GND)
100
mA
Soft-Start Interval
4096
OSC
cycles


Similar Part No. - SGM2101

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
More results

Similar Description - SGM2101

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
logo
Toshiba Semiconductor
SSM6N55NU TOSHIBA-SSM6N55NU Datasheet
241Kb / 9P
   Power Management Switches DC-DC Converters
SSM3J14T TOSHIBA-SSM3J14T_07 Datasheet
204Kb / 6P
   Power Management Switch DC-DC Converters
SSM3K335R TOSHIBA-SSM3K335R Datasheet
235Kb / 9P
   Power Management Switches DC-DC Converters
SSM3K336R TOSHIBA-SSM3K336R Datasheet
225Kb / 9P
   Power Management Switches DC-DC Converters
SSM6K809R TOSHIBA-SSM6K809R Datasheet
285Kb / 9P
   Power Management Switches DC-DC Converters
SSM6K810R TOSHIBA-SSM6K810R Datasheet
264Kb / 8P
   Power Management Switches DC-DC Converters
SSM6L61NU TOSHIBA-SSM6L61NU Datasheet
431Kb / 12P
   Power Management Switches DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com