Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70824S45PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70824S45PF
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824S45PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70824S45PF Datasheet HTML 4Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 5Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 6Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 7Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 8Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 9Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 10Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 11Page - Integrated Device Technology IDT70824S45PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
Truth Table: Sequential Address Pointer Operations(1,2,3,4,5)
Sequential Load of Address into Pointer/Counter(1)
NOTE:
1. "H" = VIH and "L" = VIL for the SI/O intput state.
NOTE:
1. At SCLK edge (A), SI/O0-SI/O11 data is loaded into a data-in register. At edge (B), contents of the data-in register are loaded into the address pointer (i.e.
address pointer changes). At SCLK edge (A),
SSTRT1 and SSTRT2 must be HIGH to ensure for proper sequential address pointer loading. At SCLK edge (B),
SLD and SSTRT1,2 must be HIGH to ensure for proper sequential address pointer loading. For SSTRT1 or SSTRT2, the data to be read will be ready for edge
(B), while data will not be ready at edge (B) when
SLD is used, but will be ready at edge (C).
SLD
Mode(1)
Address Pointer Load Control (SLD)
In
SLDmode,thereisaninternaldelayofonecyclebeforetheaddress
pointer changes in the cycle following
SLD. When SLD is LOW, data on
the inputs SI/O0-SI/O11 is loaded into a data-in register on the LOW-to-
HIGHtransitionofSCLK.Onthecyclefollowing
SLD,theaddresspointer
changestotheaddresslocationcontainedinthedata-inregister.
SSTRT1,
SSTRT2 may not be low whileSLD is LOW, or during the cycle following
SLD.TheSSTRT1andSSTRT2requireonlyoneclockcycle,sincethese
addresses are pre-loaded in the registers already.
NOTES:
1. H = VIH, L = VIL, X = Don't Care, and High-Z = High-impedance.
2.
RST is continuously HIGH. The conditions of SCE CNTEN, and SR/W are unrelated to the sequential address pointer operations.
3.
CE, OE, R/W, LB, UB, and I/O0-I/O15 are unrelated to the sequential port control and operation, except for CMD which must not be used concurrently with the sequential
port operation (due to the counter and register control).
CMD should be HIGH (CMD = VIH) during sequential port access.
4. Address pointer can also change when it reaches an end of buffer address. See Flow Control Bits table.
5. When
SLD is sampled LOW, there is an internal delay of one cycle before the address pointer changes. The state of CNTEN is ignored and the address is not incremented
during the two cycles.
6.
SOE may be LOW with SCE deselect or in the write mode using SR/W.
Inputs/Outputs
MODE
SCLK
SLD
SSTRT1
SSTRT1
SOE
H
L
H
X
Non-Counter Advanced Sequential Write, without
EOB1 or EOB2 reached.
H
H
L
X
Counter Advanced Sequential Write with
EOB1 and EOB2 reached.
LH
H
H
(6)
No Write or Read due to Sequential port Deselect. No counter advance.
3099 tbl 14
SLD
SCLK
SI/O0-11
SSTRT(1 or 2)
A
B
ADDRIN
3099 drw 08
C
DATAOUT
(1)
15
MSB
LSB SI/O BITS
3099 drw 09
H
H
11 --------------------------------------------------------------------------------------------------
Address Loaded into Pointer
0
14
13
H
L
12


Similar Part No. - IDT70824S45PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824S45PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com