Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T633S10BC Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70T633S10BC
Description  HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T633S10BC Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70T633S10BC Datasheet HTML 1Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 2Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 3Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 4Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 5Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 6Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 7Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 8Page - Integrated Device Technology IDT70T633S10BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
IDT70T633/1S
Preliminary
High-Speed 2.5V 512/256K x 18 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Configurations(1,2,3)(con't.)
NOTES:
1. All VDD pins must be connected to 2.5V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V), and 2.5V if OPT pin for that port is
set to VSS (0V).
3. All VSS pins must be connected to ground.
4. A18X is a NC for IDT70T631.
5. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
6. This package code is used to reference the package diagram.
7. This text does not indicate orientation of the actual part-marking.
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O9L
NC
VSS
A4L
INTL
SEML
NC
A8L
A12L
A16L
VSS
NC
OPTL
A0L
NC
VSS
NC
NC
A1L
A5L
BUSYL
VSS
CE0L
CE1L
NC
A9L
A13L
A17L
I/O8L
VDDQR
VSS
VDDQL
I/O9R
VDDQR
VDD
A2L
A6L
R/
WL
VSS
UBL
A10L
A14 L
A18L(4)
NC
I/O8R
VDD
I/O11L
VSS
I/O10L
NC
VDD
A3L
NC
OEL
NC
I/O11R
VDDQR
I/O10 R
VDDQL
NC
NC
VSS
NC
VSS
I/O12L
NC
VDD
NC
VDDQR
I/O12R
VDDQL
VDD
VSS
ZZR
NC
I/O14L
VDDQR
VDDQL
NC
I/O15R
VSS
I/O7R
VDDQL
I/O7L
A15 L
A11L
A7L
LBL
I/O6L
NC
VSS
NC
VSS
I/O6R
NC
NC
VDDQL
I/O5L
NC
VDD
NC
VSS
I/O5R
ZZL
VDDQR
I/O3R
VDDQL
I/O4R
VSS
I/O4L
VSS
I/O3L
NC
A0R
A1R
A2R
A3R
A4R
A5R
A6R
I/O1R
NC
VSS
NC
I/O15 L
A16R
A12R
A8R
NC
VDD
SEMR
INTR
VDDQR
NC
I/O1L
NC
VSS
NC
I/O17 R
A17R
A13R
A9R
NC
CE0R
CE1R
VDD
VSS
BUSYR
VSS
VDD
VSS
VDDQL
I/O0R
VDDQR
NC
I/O17L
VDDQL
NC
A18R(4)
A14R
A10R
UBR
VSS
NC
NC
VSS
I/O2R
NC
VSS
NC
VDD
A15R
A11R
A7R
LBR
OER
M/
S
R/
WR
VDDQL
I/O2L
OPTR
NC
I/O0L
70T633/1BF
BF-208(5,6)
208-Ball BGA
Top View(7)
5670 drw 02b
I/O13L
I/O14R
VSS
I/O13R
VSS
I/O16R
I/O16L
VDDQR
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VSS
NC
NC
VDDQR
VSS
VDD
VSS
NC
VDD
VDD
TDO
TDI
TCK
TMS
TRST
VSS
03/12/03


Similar Part No. - IDT70T633S10BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T633S10BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T633 IDT-IDT70T633_12 Datasheet
437Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Alliance Semiconductor ...
AS9C25512M2018L ALSC-AS9C25512M2018L Datasheet
1Mb / 30P
   2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
logo
Integrated Device Techn...
IDT70V631S IDT-IDT70V631S Datasheet
306Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com