Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM3002 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM3002
Description  Low ON-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3002 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM3002_15 Datasheet HTML 1Page - SG Micro Corp SGM3002_15 Datasheet HTML 2Page - SG Micro Corp SGM3002_15 Datasheet HTML 3Page - SG Micro Corp SGM3002_15 Datasheet HTML 4Page - SG Micro Corp SGM3002_15 Datasheet HTML 5Page - SG Micro Corp SGM3002_15 Datasheet HTML 6Page - SG Micro Corp SGM3002_15 Datasheet HTML 7Page - SG Micro Corp SGM3002_15 Datasheet HTML 8Page - SG Micro Corp SGM3002_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low ON-Resistance, Low
Voltage, SPDT Analog Switch
4
SGM3001/2
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(V+ = +3V ± 10%, GND = 0V, all specifications -40
℃ to +125℃. Typical values are at TA = +25℃, unless otherwise noted.)
SGM3001/3002
PARAMETER
SYMBOL
CONDITIONS
+25
-40
℃ to
+125
UNITS
MIN/
MAX
ANALOG SWITCH
0
V
MIN
Analog Signal Range
VNO, VNC, VCOM
V+
V
MAX
2.9
3
TYP
On-Resistance
RON
0 ≤ VNO or VNC ≤ V+, ICOM = -10mA,
Test Circuit 1
4.4
6
MAX
0.1
TYP
On-Resistance Match
Between Channels
RON
0 ≤ VNO or VNC ≤ V+, ICOM = -10mA,
Test Circuit 1
0.8
0.9
MAX
0.9
TYP
On-Resistance Flatness
RFLAT(ON)
0 ≤ VNO or VNC ≤ V+, ICOM = -10mA,
Test Circuit 1
1
1.2
MAX
LEAKAGE CURRENTS
±7
nA
TYP
Source OFF Leakage
Current
INC(OFF), INO(OFF)
VNO or VNC = 3V/1V, VCOM = 1V/3V,
V+ = +3.3V ,Test Circuit 2
±13
±1000
nA
MAX
±7
nA
TYP
Channel ON Leakage
Current
INC(ON), INO(ON),
ICOM(ON)
VNO or VNC = VCOM = 1V or 3V,
V+ = +3.3V , Test Circuit 3
±13
1000
nA
MAX
DIGITAL INPUTS
Input High Voltage
VINH
2.0
V
MIN
Input Low Voltage
VINL
0.4
V
MAX
±0.01
μA
TYP
Input Current
IINL or IINH
VIN = VINH or VINL
±0.1
±1
μA
MAX
DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO or VNC = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 4
12
ns
TYP
SGM3001
31
ns
TYP
Turn-Off Time
SGM3002
tOFF
VNO or VNC = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 4
9
ns
TYP
Charge Injection
Q
CL = 1.0nF, VG = 0V, RG = 0Ω,
Test Circuit 5
3
pC
TYP
Break-Before-Make
Time Delay
tD
VNO1 or VNC1 = VNO2 or VNC2 = 2V,
RL = 300Ω, CL = 35pF, Test Circuit 6
11
ns
TYP
f = 10MHz
-45
dB
TYP
Off Isolation
OISO
RL = 50Ω, CL = 5pF,
Test Circuit 7
f = 1MHz
-65
dB
TYP
f = 10MHz
-35
dB
TYP
Channel-to-Channel
Crosstalk (SGM3002 Only)
XTALK
RL = 50Ω, CL = 5pF,
Test Circuit 8
f = 1MHz
-55
dB
TYP
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM = 2VP-P,
RL = 600Ω, CL = 50pF
0.005
%
TYP
-3dB Bandwidth
BW
RL = 50Ω, CL = 5pF, Test Circuit 9
120
MHz
TYP
Source OFF Capacitance
CNC(OFF), CNO(OFF)
14
pF
TYP
Channel ON Capacitance
CNC(ON), CNO(ON),
CCOM(ON)
53
pF
TYP
POWER REQUIREMENTS
0. 001
μA
TYP
Power Supply Current
I+
V+ = +3.3V, VIN = 0V or 3V
1
μA
MAX


Similar Part No. - SGM3002_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3002XMS SGMICRO-SGM3002XMS Datasheet
551Kb / 11P
   Low ON-Resistance, Low Voltage, SPDT Analog Switch
SGM3002XMS/TR SGMICRO-SGM3002XMS/TR Datasheet
551Kb / 11P
   Low ON-Resistance, Low Voltage, SPDT Analog Switch
More results

Similar Description - SGM3002_15

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com