Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2122-NYN6G Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM2122-NYN6G
Description  Dual, Low Dropout, 250mA LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2122-NYN6G Datasheet(HTML) 4 Page - SG Micro Corp

  SGM2122-NYN6G Datasheet HTML 1Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 2Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 3Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 4Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 5Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 6Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 7Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 8Page - SG Micro Corp SGM2122-NYN6G Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulators
4
SGM2122
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), TA = -40
℃ to +85℃. Typical values are at TA = +25℃, for each LDO unless
otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Output Voltage Accuracy
IOUT = 0.1mA, TA = +25
-2
+2
%
Maximum Output Current
(3)
250
mA
Current Limit
ILIM
310
500
mA
Ground Pin Current
IQ
EN = VIN, both LDOs No Load
190
295
μA
IOUT = 1mA
1
Dropout Voltage
(1)
IOUT = 250mA
250
350
mV
Line Regulation
ΔVLNR
VIN = 2.5V or (VOUT + 0.5V) to 5.5V,
IOUT = 1mA
0.02
0.15
%/V
Load Regulation
ΔVLDR
IOUT = 0.1mA to 250mA, COUT = 1µF
0.004
0.01
%/mA
Power Supply Rejection Rate
PSRR
ILOAD = 50mA, COUT = 1µF
f = 100Hz
71
dB
SHUTDOWN
VIH
2.0
EN Input Threshold
VIL
VIN = 2.5V to 5.5V
0.4
V
TA = +25
0.01
1
EN Input Bias Current
IB(SHDN)
EN = 0V and EN = 5.5V
TA = +85
0.01
μA
TA = +25
0.01
1
Shutdown Supply Current
IQ(SHDN)
EN1 = EN2 = 0.4V
TA = +85
0.01
μA
Shutdown Exit Delay
(2)
COUT = 1µF, No load
TA = +25
20
μs
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
155
Thermal Shutdown Hysteresis
ΔTSHDN
20
NOTES:
1. The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V. (Only applicable
for VOUT = +2.5V to +3.3V)
2. Time needed for VOUT to reach 95% of final value.
3. Each channel provides 300mA of maximum output current when the condition of dissipating heat is good.


Similar Part No. - SGM2122-NYN6G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
More results

Similar Description - SGM2122-NYN6G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
   Dual Low Dropout, 250mA LDO Regulator
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com