Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49C460EJB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT49C460EJB
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460EJB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT49C460EJB Datasheet HTML 7Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 8Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 9Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 10Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 11Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 12Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 13Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 14Page - Integrated Device Technology IDT49C460EJB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11.6
11
IDT49C460/A/B/C/D/E
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Bit
Internal Function
0–7
DON'T CARE
8
CODE ID0 LOWER 32-BIT
9
CODE ID1 LOWER 32-BIT
10
DIAG MODE0 LOWER 32-BIT
11
DIAG MODE1 LOWER 32-BIT
12
CORRECT LOWER 32-BIT
13–31
DON'T CARE
32
CB0 DIAGNOSTIC
33
CB1 DIAGNOSTIC
34
CB2 DIAGNOSTIC
35
CB3 DIAGNOSTIC
36
CB4 DIAGNOSTIC
37
CB5 DIAGNOSTIC
38
CB6 DIAGNOSTIC
39
CB7 DIAGNOSTIC
40
CODE ID0 UPPER 32-BIT
41
CODE ID1 UPPER 32-BIT
42
DIAG MODE0 UPPER 32-BIT
43
DIAG MODE1 UPPER 32-BIT
44
CORRECT UPPER 32-BIT
45–63
DON'T CARE
2584 tbl 10
Table 8B. 64-Bit Diagnostic Latch–Coding Format (Diagnostic and Correct Mode)
Hex
01
2
3
45
67
89A
B
C
D
E
F
S7
00
0
0
00
00
11
1
1
11
1
1
Syndrome
S6
00
0
0
11
11
00
0
0
11
1
1
Bits
S5
00
1
1
00
11
00
1
1
00
1
1
S4
01
0
1
01
01
01
0
1
01
0
1
Hex
S3
S2
S1
S0
0
0
0
0
0
*
C4
C5
T
C6
T
T
62
C7
T
T
46
T
M
M
T
1
0
0
0
1
C0
T
T
14
T
MMT
TMM
T
MT
T
30
20
01
0
C1
T
T
M
T
34
56
T
T
50
40
T
M
T
T
M
3
0
0
1
1
T
18
8
T
MT
TMMT
TM
T
2
24
T
4
0
1
0
0
C2
T
T
15
T
35
57
T
T
51
41
T
M
T
T
31
5
0
1
0
1
T
19
9
T
M
T
T
63
M
T
T
47
T
3
25
T
6
0
1
1
0
T
20
10
T
M
T
T
M
M
T
T
M
T
4
26
T
7
0
1
1
1
M
T
T
M
T
36
58
T
T
52
42
T
M
T
T
M
81
00
0
C3
T
T
M
T
37
59
T
T
53
43
T
M
T
T
M
9
1
0
0
1
T
21
11
T
M
T
T
M
M
T
T
M
T
5
27
T
A
1
0
1
0
T
22
12
T
33
T
T
M
49
T
T
M
T
6
28
T
B
1
0
1
1
17T
T
M
T
38
60T
T
54
44
T
1
T
T
M
C
1
1
0
0
T
23
13
T
M
T
T
M
M
T
T
M
T
7
29
T
D
1
1
0
1
M
T
T
M
T
39
61
T
T
55
45
T
M
T
T
M
E
1
1
1
0
16
T
TM
TMMT
TMM
T
0
T
T
M
F
1
1
1
1
T
MM
T
32
T
TM
48
T
T
M
T
MM
T
NOTES:
2584 tbl 11
* = No errors detected
T = Two errors detected
Number = The number of the single bit-in-error
M = Three or more errors detected
Table 9. Syndrome Decode to Bit–In–Error (64–Bit Configuration)


Similar Part No. - IDT49C460EJB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C460EJB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com