Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6116SA15TP Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT6116SA15TP
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116SA15TP Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT6116SA15TP Datasheet HTML 3Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 4Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 5Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 6Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 7Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 8Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 9Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 10Page - Integrated Device Technology IDT6116SA15TP Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6.42
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
7
Timing Waveform of Read Cycle No. 2(1,2,4)
Timing Waveform of Read Cycle No. 1(1,3)
Timing Waveform of Read Cycle No. 3(1,3,4)
NOTES:
1.
WE is HIGH for Read cycle.
2. Device is continously selected,
CS is LOW.
3. Address valid prior to or coincident with
CS transition LOW.
4.
OE is LOW.
5. Transition is measured ±500mV from steady state.
ADDRESS
OE
CS
tRC
tAA
tOE
tACS
DATAOUT
tOH
tOLZ
(5)
tCLZ
(5)
tOHZ
(5)
tCHZ
(5)
3089 drw 06
DATA
VALID
tPD
ICC
ISB
tPU
VCC
Supply
Currents
,
ADDRESS
tRC
tAA
tOH
tOH
DATAOUT
3089 drw 07
PREVIOUS DATA VALID
DATA VALID
,
CS
tACS
DATAOUT
tCLZ
(5)
tCHZ
(5)
DATA VALID
3089 drw 08
,


Similar Part No. - IDT6116SA15TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results

Similar Description - IDT6116SA15TP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com