Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71024S12TY Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71024S12TY
Description  CMOS STATIC RAM 1 MEG (128K x 8-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71024S12TY Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71024S12TY Datasheet HTML 1Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 2Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 3Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 4Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 5Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 6Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 7Page - Integrated Device Technology IDT71024S12TY Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES:
• 128K x 8 advanced high-speed CMOS static RAM
• Commercial (0
° to 70°C), Industrial (-40° to 85°C) and
Military (-55
° to 125°C) temperature options
• Equal access and cycle times
— Military: 15/17/20/25ns
— Industrial: 15/20ns
— Commercial: 12/15/17/20ns
• Two Chip Selects plus one Output Enable pin
• Bidirectional inputs and outputs directly TTL-compatible
• Low power consumption via chip deselect
• Available in 300 and 400 mil Plastic SOJ, and LCC pack-
ages
• Military product compliant to MIL-STD-883, Class B
Integrated Device Technology, Inc.
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
MAY 1997
©1996 Integrated Device Technology, Inc.
DSC-2964/08
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT71024 is a 1,048,576-bit high-speed static RAM
organized as 128K x 8. It is fabricated using IDT’s high-
performance, high-reliability CMOS technology. This state-
of-the-art technology, combined with innovative circuit design
techniques, provides a cost-effective solution for high-speed
memory needs.
The IDT71024 has an output enable pin which operates as
fast as 6ns, with address access times as fast as 12ns
available. All bidirectional inputs and outputs of the IDT71024
are TTL-compatible and operation is from a single 5V supply.
Fully static asynchronous circuitry is used; no clocks or
refreshes are required for operation.
The IDT71024 is packaged in 32-pin 300 mil Plastic SOJ,
32-pin 400 mil Plastic SOJ, and 32-pin 400 x 820 mil LCC
packages.
ADDRESS
DECODER
1,048,576-BIT
MEMORY ARRAY
I/O CONTROL
A0
A16
2964 drw 01
8
8
I/O0 – I/O7
8
CONTROL
LOGIC
WE
OE
CS1
CS2
1
CMOS STATIC RAM
1 MEG (128K x 8-BIT)
IDT71024


Similar Part No. - IDT71024S12TY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024S12TYGI8 IDT-IDT71024S12TYGI8 Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Two Chip Selects plus one Output Enable pin
More results

Similar Description - IDT71024S12TY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com