Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6178S12YB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT6178S12YB
Description  CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6178S12YB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT6178S12YB Datasheet HTML 1Page - Integrated Device Technology IDT6178S12YB Datasheet HTML 2Page - Integrated Device Technology IDT6178S12YB Datasheet HTML 3Page - Integrated Device Technology IDT6178S12YB Datasheet HTML 4Page - Integrated Device Technology IDT6178S12YB Datasheet HTML 5Page - Integrated Device Technology IDT6178S12YB Datasheet HTML 6Page - Integrated Device Technology IDT6178S12YB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
11.1
4
IDT6178S
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGE
CYCLE DESCRIPTION
Match Cycle: A match cycle occurs when all control signals
(
OE, WE, CLR) are HIGH. At that time, data supplied to the
RAM on the I/O pins is compared with the data stored at the
specified address. The totem-pole match output is HIGH
when there is a match at all data bits, and drives LOW if there
is not a match.
Write Cycle: The write cycle is conventional, occuring when
WE is LOW and CLR is HIGH. OE may be either HIGH or LOW,
since it is overridden by
WE. The state of the Match pin is not
guaranteed, but in the current implementation it continues to
reflect the output of the comparator. The Match pin goes
HIGH during write cycles since the data at the specified
address is the same as the data (being written) at the I/Os of
the RAM.
Read Cycle: When
WE and CLR are HIGH and OE is LOW,
the RAM is in a read cycle. The state of the Match pin is not
guaranteed, but in the current implementation it continues to
reflect the output of the comparator. The Match pin goes
HIGH during read cycles since the data at the specified
address is the same as the data (being read) at the I/Os of the
RAM.
Clear Cycle: When
CLR is asserted, every bit in the RAM is
cleared to zero. If
OE is LOW during a clear cycle, the RAM
I/Os will be driven. However, this data is not necessarily
zeros, even after a considerable time. The Match pin is
enabled, but its state is not predicable.
NOTE:
1. It is not recommended to let address and data input pins float while MATCH pin is active.
TIMING WAVEFORM OF MATCH CYCLE
(1)
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6178S10
(1)
6178S12
6178S15
6178S20
6178S25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Match Cycle
tADM
Address to Match Valid
10
12
15
20
25
ns
tDAM
Data Input to Match Valid
8
11
13
15
15
ns
tMHO
Match Valid Hold from
OE
0
0—
0
0
0—
ns
tOEM
OE HIGH to Match Valid
10
12
15
20
20
ns
tMHW
Match Valid Hold from
WE
0
0—
0
0
0—
ns
tWEM
WE HIGH to Match Valid
10
12
15
20
20
ns
tMHCLR
Match Valid Hold from
CLR
0
0—
0
0
0—
ns
tMHA
Match Valid Hold from Address
3
3
3
3
3
ns
tMHD
Match Valid Hold from Data
3
3
3
3
3
ns
NOTE:
2953 tbl 10
1. 0
°C to +70°C temperature range only.
2953 drw 07
OE
ADDRESS
tMHA
tADM
tOEM
tMHO
WE
CLR
I/O1–4
MATCH
tWEM
tMHW
tMHCLR
tMHD
tDAM
VALID MATCH DATAIN
MATCH VALID
MATCH
MATCH
NO MATCH
VALID READ DATAOUT


Similar Part No. - IDT6178S12YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6178S12YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
   16K x 15 Bit Cache Tag RAM for Pentium Processors
logo
UMC Corporation
UM61166 UMC-UM61166 Datasheet
488Kb / 8P
   4K x 16 CMOS CACHE RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
   BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com