Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70824L35G Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70824L35G
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824L35G Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70824L35G Datasheet HTML 1Page - Integrated Device Technology IDT70824L35G Datasheet HTML 2Page - Integrated Device Technology IDT70824L35G Datasheet HTML 3Page - Integrated Device Technology IDT70824L35G Datasheet HTML 4Page - Integrated Device Technology IDT70824L35G Datasheet HTML 5Page - Integrated Device Technology IDT70824L35G Datasheet HTML 6Page - Integrated Device Technology IDT70824L35G Datasheet HTML 7Page - Integrated Device Technology IDT70824L35G Datasheet HTML 8Page - Integrated Device Technology IDT70824L35G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
6.07
APRIL 2000
DSC-3099/5
1
©2000 Integrated Device Technology, Inc.
HIGH SPEED 64K (4K X 16 BIT)
SEQUENTIAL ACCESS
RANDOM ACCESS MEMORY (SARAM)
Functional Block Diagram
IDT70824S/L
Features
x
x
x
x
x
High-speed access
– Military: 35/45ns (max.)
– Commercial: 20/25/35/45ns (max.)
x
x
x
x
x
Low-power operation
– IDT70824S
Active: 775mW (typ.)
Standby: 5mW (typ.)
– IDT70824L
Active: 775mW (typ.)
Standby: 1mW (typ.)
x
x
x
x
x
4K x 16 Sequential Access Random Access Memory (SARAM)
– Sequential Access from one port and standard Random
Access from the other port
– Separate upper-byte and lower-byte control of the
Random Access Port
x
x
x
x
x
High speed operation
– 20ns tAA for random access port
– 20ns tCD for sequential port
– 25ns clock cycle time
x
x
x
x
x
Architecture based on Dual-Port RAM cells
x
x
x
x
x
Compatible with Intel BMIC and 82430 PCI Set
x
x
x
x
x
Width and Depth Expandable
x
x
x
x
x
Sequential side
– Address based flags for buffer control
– Pointer logic supports up to two internal buffers
x
x
x
x
x
Battery backup operation - 2V data retention
x
x
x
x
x
TTL-compatible, single 5V (+10%) power supply
x
x
x
x
x
Available in 80-pin TQFP and 84-pin PGA
x
x
x
x
x
Military product compliant to MIL-PRF-38535 QML
x
x
x
x
x
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Description
TheIDT70824isahigh-speed4Kx16-BitSequentialAccessRandom
Access Memory (SARAM). The SARAM offers a single-chip solution to
buffer data sequentially on one port, and be accessed randomly (asyn-
chronously) through the other port. The device has a Dual-Port RAM
based architecture with a standard SRAM interface for the random
(asynchronous) access port, and a clocked interface with counter se-
Random
Access
Port
Controls
Sequential
Access
Port
Controls
4KX16
Memory
Array
DataL
DataR
AddrL
AddrR
I/O0-15
SI/O0-15
Pointer/
Counter
12
Start Address for Buffer #1
End Address for Buffer #1
Start Address for Buffer #2
End Address for Buffer #2
Flow Control Buffer
Flag Status
EOB1
EOB2
12
12
12
16
12
12
RST
COMPARATOR
LB
UB
A0-11
12
CE
OE
R/
W
LSB
MSB
CMD
16
RST
SCLK
CNTEN
SOE
SSTRT2
SCE
SR/
W
SLD
SSTRT1
16
12
3099 drw 01
Reg.
,


Similar Part No. - IDT70824L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com