Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V07S25G Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70V07S25G
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V07S25G Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70V07S25G Datasheet HTML 3Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 4Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 5Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 6Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 7Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 8Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 9Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 10Page - Integrated Device Technology IDT70V07S25G Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IDT70V07S/L
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
6.37
7
WAVEFORM OF READ CYCLES(5)
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is de-asserted first,
CE or OE.
3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations
BUSY has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.
NOTES:
2943 tbl 12
1. Transition is measured
±200mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. "X" in part numbers indicates power rating (S or L).
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(5)
IDT70V07X25
IDT70V07X35
IDT70V07X55
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
25
35
55
ns
tEW
Chip Enable to End-of-Write
(3)
20
30
45
ns
tAW
Address Valid to End-of-Write
20
30
45
ns
tAS
Address Set-up Time
(3)
0
0—
0—
ns
tWP
Write Pulse Width
20
25
40
ns
tWR
Write Recovery Time
0
0
0
ns
tDW
Data Valid to End-of-Write
15
20
30
ns
tHZ
Output High-Z Time
(1, 2)
—15
20
25
ns
tDH
Data Hold Time
(4)
0
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—15
20
25
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0
0—
0—
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tRC
R/
W
CE
ADDR
tAA
OE
2943 drw 08
(4)
tACE
(4)
tAOE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3, 4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)


Similar Part No. - IDT70V07S25G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07S25G IDT-IDT70V07S25G Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S25GI IDT-IDT70V07S25GI Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V07S25G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com