Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70824L45G Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT70824L45G
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824L45G Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT70824L45G Datasheet HTML 1Page - Integrated Device Technology IDT70824L45G Datasheet HTML 2Page - Integrated Device Technology IDT70824L45G Datasheet HTML 3Page - Integrated Device Technology IDT70824L45G Datasheet HTML 4Page - Integrated Device Technology IDT70824L45G Datasheet HTML 5Page - Integrated Device Technology IDT70824L45G Datasheet HTML 6Page - Integrated Device Technology IDT70824L45G Datasheet HTML 7Page - Integrated Device Technology IDT70824L45G Datasheet HTML 8Page - Integrated Device Technology IDT70824L45G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
6.42
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
3
Pin Descriptions: Random Access Port(1)
Pin Descriptions: Sequential Access Port(1)
NOTE:
1. "I/O" is bidirectional Input and Output. "I" is Input and "O" is Output.
SYMBOL
NAME
I/O
DESCRIPTION
A0-A11
Address Lines
I
Address inputs to access the 4096-word (16-Bit) memory array.
I/O0-I/O15
Inputs/Outputs
I
Random access data inputs/outputs for 16-Bit wide data.
CE
Chip Enable
I
When
CE is LOW, the random access port is enabled. When CE is HIGH, the random access port is disabled
into power-down mode and the I/O outputs are in the High-impedance state. All data is retained during
CE =
VIH, unless it is altered by the sequential port
CE and CMD may not be LOW at the same time.
CMD
Control Register Enable
I
When
CMD is LOW, address lines A0-A2, R/W, and inputs and outputs I/O0-I/O12, are used to access the
control register, the flag register and the start and end of buffer registers.
CMD and CE may not be LOW at the
same time.
R/
W
Read/Write Enable
I
If
CE is LOW and CMD is HIGH, data is written into the array when R/W is LOW and read out of the array when
R/W is HIGH. If CE is HIGH and CMD is LOW, R/W is used to access the buffer command registers. CE and
CMD may not be LOW at the same time.
OE
Output Enable
I
When
OE is LOW and R/W is HIGH, I/O0-I/O15 outputs are enabled. When OE is HIGH, the I/O outputs are in
the High-impedance state.
LB, UB
Lower Byte, Upper Byte
Enables
I
When
LB is LOW, I/O0-I/O7 are accessible for read and write operations. When LB is HIGH, I/O0-I/O7 are tri-
stated and blocked during read and write operations.
UB controls access for I/O8-I/O15 in the same manner and
is asynchronous
from
LB.
VCC
Power Supply
I
Seven +5 power supply pins. All VCC pins must be connected to the same +5V VCC supply.
GND
Ground
I
Ten ground pins. All ground pins must be connected to the same ground supply.
3099 tbl 01
SYMBOL
NAME
I/O
DESCRIPTION
SI/O0-15
Inputs/Outputs
I/O
Sequential data inputs/outputs for 16-bit wide data.
SCLK
Clock
I
SI/O0-SI/O15,
SCE, SR/W, and SLD are registered on the LOW-to-HIGH transition of SCLK. Also, the sequential
access port address pointer increments by 1 on each LOW-TO-HIGH transition of SCLK when
CNTEN is LOW.
SCE
Chip Enable
I
When
SCE is LOW, the sequential access port is enabled on the LOW-to-HIGH transition of SCLK. When SCE
is HIGH, the sequential access port is disabled into powered-down mode on the LOW-to-HIGH transition of
SCLK, and the SI/O outputs are in the High-impedance state. All data is retained , unless altered by the random
access port.
CNTEN
Counter Enable
I
When CNTEN is LOW, the address pointer increments on the LOW-to-HIGH transition of SCLK. This function is
independent of
CE.
SR/
W
Read/Write Enable
I
When SR/
W and SCE are LOW, a write cycle is initiated on the LOW-to-HIGH transition of SCLK. When SR/W is
HIGH, and
SCE and SOE are LOW, a read cycle is initiated on the LOW-to-HIGH transition of SCLK. Termination
o f a write cycle is done on the LOW-to -HIGH transition of SCLK if SR/W or
SCE is HIGH.
SLD
Address Pointer Load Control
I
When
SLD is sampled LOW, there is an internal delay of one cycle before the address pointer changes. When
SLD is LOW, data on the inputs SI/O0-SI/O11 is loaded into a data-in register on the LOW-to-HIGH transition of
SCLK. On the Cycle following
SLD, the address pointer charges to the address location contained in the data-
in register.
SSTRT1 and SSTRT2 may not be LOW while SLD is LOW or during the cycle following SLD.
SSTRT1,
SSTRT2
Load Start of Address
Register
I
When
SSTRT1 or SSTRT2 is LOW, the start of address register #1 or #2 is loaded into the address pointer on
the LOW-to-HIGH transition of SCLK. The start addresses are stored in internal registers.
SSTRT1 and SSTRT2
may not be LOW while
SLD is LOW or during the cycle following SLD.
EOB1,
EOB2
End of Buffer Flag
O
EOB1 or EOB2 is output low when the address pointer is incremented to match the address stored in the end
of buffer registers. The flags can be cleared by either asserting
RST LOW or by writing zero into Bit 0 and/or
Bit 1 of the control registe r at address 101.
EOB1 and EOB2 are dependent on separate internal registers, and
therefore separate match addresses.
SOE
Output Enable
I
SOE controls the data outputs and is independent of SCLK. When SOE is LOW, output buffers and the
se quentially ad dressed data is output. When
SOE is HIGH, the SI/O output bus is in the High-impedance state.
SOE is asynchronous to SCLK.
RST
Reset
I
When
RST is LOW, all internal registers are set to their default state, the address pointer is set to zero and the
EOB1 and EOB2 flags are set HIGH. RST is asynchronous to SCLK.
3099 tbl 02


Similar Part No. - IDT70824L45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824L45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com