Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70825L45G Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70825L45G
Description  HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70825L45G Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70825L45G Datasheet HTML 2Page - Integrated Device Technology IDT70825L45G Datasheet HTML 3Page - Integrated Device Technology IDT70825L45G Datasheet HTML 4Page - Integrated Device Technology IDT70825L45G Datasheet HTML 5Page - Integrated Device Technology IDT70825L45G Datasheet HTML 6Page - Integrated Device Technology IDT70825L45G Datasheet HTML 7Page - Integrated Device Technology IDT70825L45G Datasheet HTML 8Page - Integrated Device Technology IDT70825L45G Datasheet HTML 9Page - Integrated Device Technology IDT70825L45G Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6.31
6
IDT70825S/L
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DATA RETENTION MODE
VCC
CE
3016 drw 04
4.5V
tCDR
tR
VDR
VIH
4.5V
VDR
2V
SCLK
SCE
VIH
ICC
ISB
tPD
ISB
tPU
NOTES :
1.
SCE is synchronized to the sequential clock input.
2.
CMD > VCC - 0.2V.
DATA RETENTION AND POWER DOWN/UP WAVEFORM (RANDOM AND SEQUENTIAL PORT) (1,2)
Figure 3. Lumped Capacitance Load Typical Derating Curve
1
2
3
4
5
6
7
8
20 40 60 80 100 120 140 160 180 200
CAPACITANCE (pF)
10pF is the I/O
capacitance of
this device, and
30pF is the AC
Test Load
capacitance.
3016 drw 07
tAA/tCD/tEB
(Typical, ns)
-1
-2
-3
3016 drw 06
893
30pF
347
5V
DATAOUT
893
5pF
347
5V
DATAOUT
3016 drw 05
Figure 2. Output Test Load (for tCLZ, tBLZ, tOLZ, tCHZ,
tBHZ, tOHZ, tWHZ, tCKHZ, and tCKLZ)
Including scope and jig.
Figure 1. AC Output Test Load
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns Max.
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
Figures 1, 2, and 3
3016 tbl 10


Similar Part No. - IDT70825L45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824L IDT-IDT70824L Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20G IDT-IDT70824L20G Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GB IDT-IDT70824L20GB Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GI IDT-IDT70824L20GI Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20PF IDT-IDT70824L20PF Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70825L45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824S IDT-IDT70824S Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com