Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V07L35G Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V07L35G
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V07L35G Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V07L35G Datasheet HTML 1Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 2Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 3Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 4Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 5Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 6Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 7Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 8Page - Integrated Device Technology IDT70V07L35G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6.37
4
IDT70V07S/L
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
TRUTH TABLE I – NON-CONTENTION READ/WRITE CONTROL
Inputs
(1)
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
SEM
SEM
SEM
SEM
SEM
I/O0-7
Mode
H
X
X
H
High-Z
Deselected: Power-Down
L
L
X
H
DATAIN
Write to Memory
L
H
L
H
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
NOTE:
2943 tbl 02
1. A0L — A14L
≠ A0R — A14R.
TRUTH TABLE II – SEMAPHORE READ/WRITE CONTROL(1)
Inputs
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
SEM
SEM
SEM
SEM
SEM
I/O0-7
Mode
H
H
L
L
DATAOUT
Read Data in Semaphore Flag
H
X
L
DATAIN
Write I/O0 into Semaphore Flag
L
X
X
L
Not Allowed
NOTE:
2943 tbl 03
1. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O7). These eight semaphores are addressed by A0 - A2.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Commercial
0
°C to +70°C
0V
3.3V
± 0.3V
2943 tbl 05
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Rating
Commercial Unit
VTERM
(2)
Terminal Voltage
–0.5 to +4.6
V
with Respect
to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output
50
mA
Current
NOTES:
2943 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time
or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc
+ 0.3V.
CAPACITANCE(1)
(TA = +25
°C, f = 1.0MHz)TQFP ONLY
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output
VOUT = 3dV
10
pF
Capacitance
NOTES:
2943 tbl 07
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV represents the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
RECOMMENDED DC OPERATING
CONDITIONS (2)
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
VCC+0.3 V
VIL
Input Low Voltage
–0.3
(1)
0.8
V
NOTES:
2943 tbl 06
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.3V.


Similar Part No. - IDT70V07L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V07L35G IDT-IDT70V07L35G Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07L35GI IDT-IDT70V07L35GI Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V07L35G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com