Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7024S55PF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7024S55PF
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7024S55PF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7024S55PF Datasheet HTML 2Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 3Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 4Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 5Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 6Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 7Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 8Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 9Page - Integrated Device Technology IDT7024S55PF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.15
6
IDT7024S/L
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)(Cont.) (VCC = 5.0V
± 10%)
7024X35
7024X55
7024X70
Test
Mil. Only
Symbol
Parameter
Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max. Typ.
(2)
Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
150
300
150
300
140
300
mA
Current
SEM = VIH
L
150
250
150
250
140
250
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
150
250
150
250
L
150
210
150
210
ISB1
Standby Current
CEL = CER = VIH
MIL.
S
13
80
13
80
10
80
mA
(Both Ports — TTL
SEMR = SEML = VIH
L
13
65
13
651065
Level Inputs)
f = fMAX
(3)
COM’L.
S
13
60
13
60
L13
50
13
50
ISB2
Standby Current
CE"A"=VIL and CE"B"=VIH(5)
MIL.
S
85
190
85
190
80
190
mA
(One Port — TTL
Active Port Outputs Open
L
85
160
85
160
80
160
Level Inputs)
f = fMAX
(3)
COM’L.
S
85
155
85
155
SEMR = SEML = VIH
L
85
130
85
130
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
1.0
30
1.0
30
1.0
30
mA
(Both Ports — All
CER > VCC - 0.2V
L
0.2
10
0.2
10
0.2
10
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
SEMR = SEML > VCC - 0.2V
ISB4
Full Standby Current
CE"A" < 0.2 and
MIL.
S
80
175
80
175
75
175
mA
(One Port — All
CE"B" > VCC - 0.2V(5)
L
80
150
80
150
75
150
CMOS Level Inputs)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or
COM’L.
S
80
135
80
135
VIN < 0.2V,
L
80
110
80
110
Active Port Outputs Open,
f = fMAX
(3)
NOTES:
2740 tbl 10
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICCDC = 120mA (typ.)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycleof 1/tRC, and using “AC Test Conditions”of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES (L Version Only)
(VLC = 0.2V, VHC = VCC - 0.2V)(4)
Symbol
Parameter
Test Condition
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
V
ICCDR
Data Retention Current
CE > VHC
MIL.
100
4000
µA
VIN > VHC or < VLC
COM’L.
100
1500
tCDR
(3)
Chip Deselect to Data Retention Time
SEM > VHC
0—
ns
tR
(3)
Operation Recovery Time
tRC
(2)
——
ns
NOTES:
2740 tbl 11
1. TA = +25
°C, VCC = 2V, and are by characterization but are not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed by device characterization but are not production tested.
4
. At Vcc < 2.0V, input leakages are not defined.
DATA RETENTION MODE
VCC
CE
2740 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
DATA RETENTION WAVEFORM


Similar Part No. - IDT7024S55PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7024S55PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com