Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71256S25TD Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71256S25TD
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256S25TD Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71256S25TD Datasheet HTML 1Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 2Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 3Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 4Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 5Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 6Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 7Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 8Page - Integrated Device Technology IDT71256S25TD Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7.2
4
IDT71256 S/L
CMOS STATIC RAM 256K (32K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
2946 tbl 08
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, tWHZ)
*Includes scope and jig capacitances
DATA RETENTION CHARACTERISTICS OVER ALL TEMPERATURE RANGES
(L Version Only) VLC = 0.2V, VHC = VCC – 0.2V
Typ.
(1)
Max.
VCC @VCC @
Symbol
Parameter
Test Condition
Min.
2.0v
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
MIL.
500
800
µA
COM’L.
120
200
tCDR
Chip Deselect to Data
CS ≥ VHC
0—
ns
Retention Time
tR
(3)
Operation Recovery Time
tRC
(2)
——
——
ns
NOTES:
2946 tbl 10
1. TA = +25
°C.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed, but not tested.
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%
IDT71256S
IDT71256L
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max.,
MIL.
10
5
µA
VIN = GND to VCC
COM’L.
5
2
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
MIL.
10
5
µA
VOUT = GND to VCC
COM’L.
5
2
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
0.4
0.4
V
IOL = 10mA, VCC = Min.
0.5
0.5
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
2.4
V
2946 tbl 09
2946 drw 05
480
5pF*
255
DATAOUT
5V
2946 drw 04
480
30pF*
255
DATAOUT
5V


Similar Part No. - IDT71256S25TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71256S ETC2-IDT71256S Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results

Similar Description - IDT71256S25TD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com