Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70825S25PFB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT70825S25PFB
Description  HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70825S25PFB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT70825S25PFB Datasheet HTML 5Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 6Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 7Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 8Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 9Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 10Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 11Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 12Page - Integrated Device Technology IDT70825S25PFB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IDT70825S/L
HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.31
9
CASE 5: BUFFER FLOW MODES
Within the SARAM, the user can designate one of four
buffer flow modes for each buffer. Each buffer flow mode
defines a unique set of actions for the sequential port address
pointer and EOB flags. In BUFFER CHAINING mode, after the
address pointer reaches the end of the buffer, it sets the
corresponding EOB flag and continues from the start address
of the other buffer. In STOP mode, the address pointer stops
incrementing after it reaches the end of the buffer. In LINEAR
mode, the address pointer ignores the end of buffer address
and increments past it, but sets the EOB flag. MASK mode is
the same as LINEAR mode except EOB flags are not set.
CASES 1 THROUGH 4: START AND END OF BUFFER REGISTER DESCRIPTION(1,2)
15
MSB
LSB I/O BITS
3016 drw 10
H
H
12 ------------------------------------------------------------------------------------------------------------
Address Loaded into Buffer
0
14
13
H
reading and clearing the status of the EOB flags. Seven
different CMD cases are available depending on the condi-
tions of A0-A2 and R/W. Address bits A3-A12 and data I/O bits
I/O13-I/O15 are not used during this operation.
RANDOM ACCESS PORT
CMD
CMD
CMD
CMD
CMD MODE(1)
Case #
A2-A0
R/
W
W
W
W
W
DESCRIPTIONS
1
000
0 (1)
Write (read) the start address of Buffer #1 through I/O0-I/O12.
2
001
0 (1)
Write (read) the end address of Buffer #1 through I/O0-I/O12.
3
010
0 (1)
Write (read) the start address of Buffer #2 through I/O0-I/O12.
4
011
0 (1)
Write (read) the end address of Buffer #2 through I/O0-I/O12.
5
100
0 (1)
Write (read) flow control register
6
101
0
Write only – clear EOB1 and/or EOB2 flag
7
101
1
Read only – flag status register
8
110/111
(X)
(Reserved)
NOTE:
1. R/
W input "0(1)" indicates a write(0) or read(1) occurring with the same address input.
3016 tbl 16
Register
Contents
Address Pointer
0
EOB Flags
Cleared to High state
Buffer Flow Mode
BUFFER CHAINING
Start Address Buffer #1
0
(1)
End Address Buffer #1
4095
(4K)
Start Address Buffer #2
4096
(4K+1)
End Address Buffer #2
8191
(8K)
Registered State
SCE = VIH, SR/W = VIL
3016 tbl 15
Reset (
RST
RST
RST
RST
RST)
Setting
RST LOW resets the control state of the SARAM.
RST functions asynchronously of SCLK, (i.e. not registered).
The default states after a reset operation are as follows:
BUFFER COMMAND MODE (
CMD
CMD
CMD
CMD
CMD)
Buffer Command Mode (
CMD) allows the random access
port to control the state of the two buffers. Address pins A0-A2
and I/O pins I/O0-I/O12 are used to access the start of buffer
and the end of buffer addresses and to set the flow control
mode of each buffer. The Buffer Command Mode also allows
NOTES:
1. "H" = VOH for I/O in the output state and "Don't Cares" for I/O in the input state.
2. A write into the buffer occurs when R/
W = VIL and a read when R/W = VIH. EOB1/SOB1 and EOB2/SOB2 are chosen through address A0-A2 while CMD
= VIL and
CE = VIH.


Similar Part No. - IDT70825S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824L IDT-IDT70824L Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20G IDT-IDT70824L20G Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GB IDT-IDT70824L20GB Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20GI IDT-IDT70824L20GI Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70824L20PF IDT-IDT70824L20PF Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70825S25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70824S IDT-IDT70824S Datasheet
205Kb / 21P
   HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com