Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6116SA20P Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT6116SA20P
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116SA20P Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT6116SA20P Datasheet HTML 3Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 4Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 5Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 6Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 7Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 8Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 9Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 10Page - Integrated Device Technology IDT6116SA20P Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
Ordering Information — Military
Blank
I
TP
P
SO
Y
15*
20
25
35
45
SA
LA
Commercial (0°C to +70°C)
Industrial (-45°C to +85°C)
300 mil Plastic DIP (P24-1)
600 mil Plastic DIP (P24-2)
300 mil Small Outline IC, Gull-Wing Bend (SO24-2)
300 mil SOJ, J-Bend (SO24-4)
Standard Power
Low Power
IDT
6116
Device Type
XX
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
3089 drw 12
Speed in nanoseconds
,
*Available in commercial temperature range and standard power only.
Ordering Information — Commercial & Industrial
B
TD
D
20*
25*
35*
45
55
70
90
120
150**
SA
LA
Military (-55°Cto +125°C)
Compliant to MIL-STD-883, Class B
300 mil CERDIP (D24-1)
600 mil CERDIP (D24-2)
Standard Power
Low Power
IDT
6116
Device Type
XX
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
3089 drw 11
Speed in nanoseconds
,
*Available in 300 mil packaging only.
**Available in 600 mil packaging only.


Similar Part No. - IDT6116SA20P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results

Similar Description - IDT6116SA20P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com