Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V24S35J Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V24S35J
Description  HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V24S35J Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V24S35J Datasheet HTML 1Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 2Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 3Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 4Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 5Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 6Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 7Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 8Page - Integrated Device Technology IDT70V24S35J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
6.38
4
IDT70V24S/L
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
CAPACITANCE(1)
(TA = +25
°C, F = 1.0MHZ) TQFP ONLY
Symbol
Parameter
Conditions
(2) Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output
VOUT = 3dV
11
pF
Capacitance
NOTES:
2911 tbl 07
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV references the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
TRUTH TABLE I – NON-CONTENTION READ/WRITE CONTROL
Inputs
(1)
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
UB
UB
UB
UB
UB
LB
LB
LB
LB
LB
SEM
SEM
SEM
SEM
SEM
I/O8-15
I/O0-7
Mode
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
L
L
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
L
L
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
L
H
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
L
H
L
H
L
H
High-Z
DATAOUT Read Lower Byte Only
L
H
L
L
L
H
DATAOUT DATAOUT Read Both Bytes
X
X
H
X
X
X
HighZ
High-Z
Outputs Disabled
NOTE:
2911 tbl 02
1. A0L — A11L
≠ A0R — A11R.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial Unit
VTERM(2)
Terminal Voltage
–0.5 to +4.6
V
with Respect
to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output
50
mA
Current
NOTES:
2911 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc +0.5V for more than 25% of the cycle time or
10ns maximum, and is limited to < 20ma for the period over VTERM > Vcc
+ 0.5V.
TRUTH TABLE II – SEMAPHORE READ/WRITE CONTROL(1)
Inputs
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
UB
UB
UB
UB
UB
LB
LB
LB
LB
LB
SEM
SEM
SEM
SEM
SEM
I/O8-15
I/O0-7
Mode
H
H
L
X
X
L
DATAOUT DATAOUT Read Data in Semaphore Flag
X
H
L
H
H
L
DATAOUT DATAOUT Read Data in Semaphore Flag
H
X
X
X
L
DATAIN
DATAIN
Write DIN0 into Semaphore Flag
X
X
H
H
L
DATAIN
DATAIN
Write DIN0 into Semaphore Flag
L
X
X
L
X
L
Not Allowed
L
X
X
X
L
L
Not Allowed
2911 tbl 03
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Commercial
0
°C to +70°C
0V
3.3V
± 0.3
2911 tbl 05
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
Vcc+0.3 V
VIL
Input Low Voltage
-0.3
(1)
0.8
V
NOTES:
2911 tbl 06
1. VIL
≥ -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all of the I/O's (I/O0 - I/O15). These eight semaphores are addressed by A0 - A2.


Similar Part No. - IDT70V24S35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24S35J IDT-IDT70V24S35J Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S35JI IDT-IDT70V24S35JI Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V24S35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com