Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6198L25Y Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT6198L25Y
Description  CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6198L25Y Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT6198L25Y Datasheet HTML 1Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 2Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 3Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 4Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 5Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 6Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 7Page - Integrated Device Technology IDT6198L25Y Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6.3
3
IDT6198S/L
CMOS STATIC RAM 64K (16K x 4-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTE:
2987 tbl 05
1. VIL (min.) = –3.0V for pulse width less than 20ns, once per cycle.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5V
± 10%
Commercial
0
°C to +70°C
0V
5V
± 10%
2987 tbl 06
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%
IDT6198S
IDT6198L
Symbol
Parameter
Test Condition
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max.,
MIL.
10
5
µA
VIN = GND to VCC
COM’L.
5
2
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
MIL.
10
5
µA
VOUT = GND to VCC
COM’L.
5
2
VOL
Output Low Voltage
IOL = 10mA, VCC = Min.
0.5
0.5
V
IOL = 8mA, VCC = Min.
0.4
0.4
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
2.4
V
2987 tbl 07
DC ELECTRICAL CHARACTERISTICS
(1)
(VCC = 5V
± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
6198S15
6198S20
6198S25
6198S35
6198S45
6198S55/70/85
6198L15
6198L20
6198L25
6198L35
6198L45
6198L55/70/85
Symbol
Parameter
Power Com’l. Mil. Com’l. Mil. Com’l.
Mil.
Com’l. Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC1
Operating Power
S
100
100
105
100
105
100
105
105
105
mA
Supply Current
CS = VIL, Outputs Open
L
75
70
80
70
80
70
80
80
80
VCC = Max., f = 0
(2)
ICC2
Dynamic Operating
S
135
130
160
125
155
125
140
140
140
mA
Current
CS = VIL, Outputs Open
L
125
115
130
105
120
105
115
110
110
VCC = Max., f = fMAX
(2)
ISB
Standby Power Supply
S
60
55
70
50
60
45
50
50
50
mA
Current (TTL Level)
CS ≥ VIH, VCC = Max.,
L
45
40
50
35
40
30
35
35
35
Outputs Open, f = fMAX
(2)
ISB1
Full Standby Power
S
20
15
25
15
20
15
20
20
20
mA
Supply Current (CMOS
Level)
CS ≥ VHC,
L
1.5
0.5
1.5
0.5
1.5
0.5
1.5
1.5
1.5
VCC=Max., VIN
≥ VHC or
VIN
≤ VLC, f = 0(2)
NOTES:
2987 tbl 06
1. All values are maximum guaranteed values.
2. At f = fMAX address and data inputs are cycling at the maximum frequency of read cycles of 1/tRC. f = 0 means no input lines change.


Similar Part No. - IDT6198L25Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6198L25Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com