Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7187S Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7187S
Description  CMOS STATIC RAM 64K (64K x 1-BIT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7187S Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT7187S Datasheet HTML 1Page - Integrated Device Technology IDT7187S Datasheet HTML 2Page - Integrated Device Technology IDT7187S Datasheet HTML 3Page - Integrated Device Technology IDT7187S Datasheet HTML 4Page - Integrated Device Technology IDT7187S Datasheet HTML 5Page - Integrated Device Technology IDT7187S Datasheet HTML 6Page - Integrated Device Technology IDT7187S Datasheet HTML 7Page - Integrated Device Technology IDT7187S Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
6.2
8
IDT7187S/L
CMOS STATIC RAM 64K (64K x 1-BIT)
MILITARY TEMPERATURE RANGE
ORDERING INFORMATION
X
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
B
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
D
L22
300 mil Ceramic DIP (D22-1)
Leadless Chip Carrier (L22-1)
25
35
45
55
70
85
S
L
Standard Power
Low Power
IDT7187
Speed in nanoseconds
2989 drw 11
Device
Type


Similar Part No. - IDT7187S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188L IDT-IDT7188L Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L25DB IDT-IDT7188L25DB Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L35DB IDT-IDT7188L35DB Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L45DB IDT-IDT7188L45DB Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT7188L55DB IDT-IDT7188L55DB Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
More results

Similar Description - IDT7187S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
CY7C187 CYPRESS-CY7C187_06 Datasheet
261Kb / 9P
   64K x 1 Static RAM
logo
Sharp Corporation
LH521028A SHARP-LH521028A Datasheet
124Kb / 15P
   CMOS 64K x 18 Static RAM
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com