Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7198L Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7198L
Description  CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7198L Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7198L Datasheet HTML 1Page - Integrated Device Technology IDT7198L Datasheet HTML 2Page - Integrated Device Technology IDT7198L Datasheet HTML 3Page - Integrated Device Technology IDT7198L Datasheet HTML 4Page - Integrated Device Technology IDT7198L Datasheet HTML 5Page - Integrated Device Technology IDT7198L Datasheet HTML 6Page - Integrated Device Technology IDT7198L Datasheet HTML 7Page - Integrated Device Technology IDT7198L Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY TEMPERATURE RANGE
MAY 1994
©1994 Integrated Device Technology, Inc.
6.4
DSC-1027/4
®
CMOS STATIC RAMs
64K (16K x 4-BIT)
Added Chip Select and Output Controls
IDT7198S
IDT7198L
FEATURES:
• Fast Output Enable (
OE) pin available for added system
flexibility
• Multiple Chip Selects (
CS1, CS2) simplify system design
and operation
• High speed (equal access and cycle times)
— Military: 20/25/35/45/55/70/85ns (max.)
• Low power consumption
• Battery back-up operation—2V data retention (L version
only)
• 24-pin CERDIP, high-density 28-pin leadless chip carrier,
and 24-pin CERPACK packaging available
• Produced with advanced CMOS technology
• Bidirectional data inputs and outputs
• Inputs/outputs TTL-compatible
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT7198 is a 65,536 bit high-speed static RAM orga-
nized as 16K x 4. It is fabricated using IDT’s high-perfor-
mance, high-reliability technology—CMOS. This state-of-the-
art technology, combined with innovative circuit design tech-
niques, provides a cost effective approach for memory inten-
sive applications.
Access times as fast as 20ns are available. The IDT7198
offers a reduced power standby mode, ISB1, which is activated
when
CS1 or CS2 goes HIGH. This capability decreases
power, while enhancing system reliability. The low-power
version (L) also offers a battery backup data retention capa-
bility where the circuit typically consumes only 30
µW when
operating from a 2V battery.
All inputs and outputs are TTL-compatible and operate
from a single 5V supply.
The lDT7198 is packaged in either a 24-pin ceramic DlP,
28-pin leadless chip carrier, and 24-pin CERPACK.
Military grade product is manufactured in compliance with
the latest revision of MIL-STD-883, Class B, making it ideally
suited to military temperature applications demanding the
highest level of performance and reliability.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
DECODER
65,536-BIT
MEMORY ARRAY
COLUMN I/O
2985 drw 01
INPUT
DATA
CONTROL
GND
A0
WE1
CS1
A13
I/O0
I/O1
I/O2
I/O3
VCC
OE
CS2
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IDT7198L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PH IDT-IDT71016S12PH Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHG IDT-IDT71016S12PHG Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHGI IDT-IDT71016S12PHGI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHI IDT-IDT71016S12PHI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT7198L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com