Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7198L20DB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7198L20DB
Description  CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7198L20DB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7198L20DB Datasheet HTML 1Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 2Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 3Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 4Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 5Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 6Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 7Page - Integrated Device Technology IDT7198L20DB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6.4
3
IDT7198S/L
CMOS STATIC RAMS 64K (16K x 4-BIT) Added Chip Select and Output Enable Controls
MILITARY TEMPERATURE RANGE
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTE:
2985 tbl 05
1. VIL (min.) = -3.0V for pulse width less than 20ns, once per cycle.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade
Ambient Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5V
± 10%
2985 tbl 06
CAPACITANCE (TA = +25
°C, f = 1.0MHz, VCC = 0V)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
7
pF
CI/O
I/O Capacitance
VOUT = 0V
7
pF
NOTE:
2985 tbl 04
1. This parameter is determined by device characterization, but is not
production tested.
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%, Military Temperature Range Only
IDT7198S
IDT7198L
Symbol
Parameter
Test Condition
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max.,
10
5
µA
VIN = GND to VCC
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
—10
5
µA
VOUT = GND to VCC
VOL
Output Low Voltage
IOL = 10mA, VCC = Min.
0.5
0.5
V
IOL = 8mA, VCC = Min.
0.4
0.4
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
2.4
V
2985 tbl 07
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCLZ1, 2, tOLZ, tCHZ1, 2, tOHZ, tOW and tWHZ)
*Includes scope and jig capacitances
2985 drw 06
480
5pF*
255
DATAOUT
5V
2985 drw 05
480
30pF*
255
DATAOUT
5V
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 1 and 2
2985 tbl 10


Similar Part No. - IDT7198L20DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PH IDT-IDT71016S12PH Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHG IDT-IDT71016S12PHG Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHGI IDT-IDT71016S12PHGI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHI IDT-IDT71016S12PHI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT7198L20DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com