Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71B74S10TP Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71B74S10TP
Description  BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71B74S10TP Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT71B74S10TP Datasheet HTML 1Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 2Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 3Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 4Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 5Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 6Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 7Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 8Page - Integrated Device Technology IDT71B74S10TP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
14.1
7
IDT71B74
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
COMMERCIAL TEMPERATURE RANGE
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%)
71B74S8
71B74S10
71B74S12
71B74S15
71B74S20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Match Cycle
tADM
Address to MATCH Valid
8
10
12
15
20
ns
tCSM
Chip Select to MATCH Valid
7
7
8
10
10
ns
tCSMHI
(1)
Chip Select to MATCH HIGH
7
8
8
8
8
ns
tDAM
Data Input to MATCH Valid
7
8
10
12
12
ns
tOEMHI
(1)
OE LOW to MATCH HIGH
7
8
10
10
10
ns
tWEMHI
(1)
WE LOW to MATCH HIGH
7
8
10
10
10
ns
tRSMHI
(1)
RESET LOW to MATCH HIGH
8
10
10
12
15
ns
tMHA
MATCH Valid Hold From Address
2
2
2
2
2
ns
tMHD
MATCH Valid Hold From Data
2
2
2
2
2
ns
NOTE:
3013 tbl 12
1. This parameter is guaranteed with the AC Load (Figure 3) by device characterization, but is not production tested.
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (
CS
CS Controlled Timing)
(1, 6)
NOTES:
1.
WE, CS must be inactive during all address transitions.
2. A write occurs during the overlap of a LOW
WE and a LOW CS.
3. tWR is measured from the earlier of
CS or WE going HIGH to the end of the write cycle.
4. During this period, I/O pins are in the output state and input signals must not be applied.
5. If the
CS LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
6.
OE is continuously HIGH, OE ≥ VIH. If during the WE controlled write cycle the OE is LOW, tWP must be greater or equal to tWHZ + tDW to allow the I/O
drivers to turn off and the data to be placed on the bus for the required tDW. If
OE is HIGH during the WE controlled write cycle, this requirement does not
apply and the minimum write pulse is the specified tWP. For a
CS controlled write cycle, OE may be LOW with no degradation to tCW timing.
7. DATAOUT is never enabled, therefore the output is in High-Z state during the entire write cycle.
8. tWHZ is not included if
OE remains HIGH during the write cycle. If OE is LOW during the Write Enabled write cycle then tWHZ must be added to tWP and tCW.
9. Transition is measured
±200mV from steady state.
3013 drw 12
CS
OE
t WC
t AW
ADDRESS
WE
DATA IN
t DH
t DW
DATA VALID
t AS
t CW
(5)
t WR (3)
DATAOUT
(7)
(2)
t OW (9)
t WHZ(8,9)


Similar Part No. - IDT71B74S10TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PH IDT-IDT71016S12PH Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHG IDT-IDT71016S12PHG Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHGI IDT-IDT71016S12PHGI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHI IDT-IDT71016S12PHI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT71B74S10TP

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
   HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com